Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1977WBCPZ-R7 Datasheet(PDF) 59 Page - Analog Devices

Part # ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Datasheet(HTML) 59 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 55Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 56Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 57Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 58Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 59Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 60Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 61Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 62Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 68 page
background image
Data Sheet
ADAU1977
Rev. C | Page 59 of 68
DIAGNOSTICS INTERRUPT PIN CONTROL REGISTER 1
Address: 0x15, Reset: 0x20, Name: DIAG_IRQ1
Table 46. Bit Descriptions for DIAG_IRQ1
Bits
Bit Name
Settings
Description
Reset
Access
7
RESERVED
Reserved.
0x0
RW
6
IRQ_RESET
FAULT Pin Reset.
0x0
RW
0
Normal Operation
1
Reset FAULT Pin
5
IRQ_DRIVE
FAULT Pin Drive Options.
0x1
RW
0
FAULT Pin Always Driven
1
FAULT Pin Only Driven During Fault, Otherwise High-Z
4
IRQ_POL
FAULT Pin Polarity.
0x0
RW
0
Faults Set FAULT Pin Low
1
Faults Set FAULT Pin High
3
DIAG_MASK4
FAULT Pin Mask for All Channel 4 Faults.
0x0
RW
0
Faults on Channel 4 Trigger FAULT Pin
1
Faults on Channel 4 Do Not Trigger FAULT Pin
2
DIAG_MASK3
FAULT Pin Mask for All Channel 3 Faults.
0x0
RW
0
Faults on Channel 3 Trigger FAULT Pin
1
Faults on Channel 3 Do Not Trigger FAULT Pin
1
DIAG_MASK2
FAULT Pin Mask for All Channel 2 Faults.
0x0
RW
0
Faults on Channel 2 Trigger FAULT Pin
1
Faults on Channel 2 Do Not Trigger FAULT Pin
0
DIAG_MASK1
FAULT Pin Mask for All Channel 1 Faults.
0x0
RW
0
Faults on Channel 1 Trigger FAULT Pin
1
Faults on Channel 1 Do Not Trigger FAULT Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com