Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAU1977WBCPZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 29Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 30Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 31Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 32Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 33Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 34Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 35Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 36Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
Data Sheet
ADAU1977
Rev. C | Page 33 of 68
I2C Read and Write Operations
Figure 37 shows the format of a single-word write operation.
Every ninth clock pulse, the ADAU1977 issues an acknowledge
by pulling SDA low.
Figure 38 shows the format of a burst mode write sequence.
This figure shows an example of a write to sequential single-
byte registers. The ADAU1977 increments its address register
after every byte because the requested address corresponds to a
register or memory area with a 1-byte word length.
Figure 39 shows the format of a single-word read operation.
Note that the first R/W bit is 0, indicating a write operation.
This is because the address still needs to be written to set up the
internal address. After the ADAU1977 acknowledges the receipt
of the address, the master must issue a repeated start command
followed by the chip address byte with the R/W bit set to 1
(read). This causes the ADAU1977 SDA to reverse and begin
driving data back to the master. The master then responds every
ninth pulse with an acknowledge pulse to the ADAU1977.
Figure 40 shows the format of a burst mode read sequence. This
figure shows an example of a read from sequential single-byte
registers. The ADAU1977 increments its address registers after
every byte because the ADAU1977 uses an 8-bit register address.
Figure 37 to Figure 40 use the following abbreviations:
S = start bit
P = stop bit
AM = acknowledge by master
AS = acknowledge by slave
Figure 37. Single-Word I2C Write Format
Figure 38. Burst Mode I2C Write Format
Figure 39. Single-Word I2C Read Format
Figure 40. Burst Mode I2C Read Format
S
CHIP ADDRESS,
R/W = 0
AS
DATA BYTE
AS
P
REGISTER ADDRESS
8 BITS
S
CHIP
ADDRESS,
R/W = 0
AS
AS
AS
REGISTER
ADDRESS
8 BITS
DATA
BYTE 1
DATA
BYTE 2
DATA
BYTE 3
DATA
BYTE 4
AS
AS
AS
P
...
CHIP
ADDRESS,
R/W = 0
DATA
BYTE 1
S
CHIP
ADDRESS,
R/W = 0
AS
AS
P
REGISTER
ADDRESS
8 BITS
CHIP
ADDRESS,
R/W = 1
AS
S
DATA
BYTE 1
S
CHIP
ADDRESS,
R/W = 0
AM
REGISTER
ADDRESS
8 BITS
S
AS
AS
AS
DATA
BYTE 2
AM
...
P
CHIP
ADDRESS,
R/W = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com