Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC68C752B Datasheet(PDF) 35 Page - NXP Semiconductors

Part # SC68C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and Motorola uP interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C752B Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button SC68C752B Datasheet HTML 31Page - NXP Semiconductors SC68C752B Datasheet HTML 32Page - NXP Semiconductors SC68C752B Datasheet HTML 33Page - NXP Semiconductors SC68C752B Datasheet HTML 34Page - NXP Semiconductors SC68C752B Datasheet HTML 35Page - NXP Semiconductors SC68C752B Datasheet HTML 36Page - NXP Semiconductors SC68C752B Datasheet HTML 37Page - NXP Semiconductors SC68C752B Datasheet HTML 38Page - NXP Semiconductors SC68C752B Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
SC68C752B_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 29 November 2005
35 of 49
Philips Semiconductors
SC68C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
10. Static characteristics
[1]
Meets TTL levels, VIL(min) = 2 V and VIH(max) = 0.8 V on non-hysteresis inputs.
[2]
Applies for external output buffers.
[3]
These parameters apply for D[7:0].
[4]
These parameters apply for DTRA, DTRB, RTSA, RTSB, RXRDYA, RXRDYB, TXRDYA, TXRDYB, TXA, TXB.
[5]
Except XTAL2, VOL = 1 V typical.
[6]
These junction temperatures reflect simulated conditions. Absolute maximum junction temperature is 150
°C. The customer is
responsible for verifying junction temperature.
[7]
Applies to external clock; crystal oscillator max. 24 MHz.
[8]
Measurement condition, normal operation other than Sleep mode:
VCC = 3.3 V; Tamb =25 °C. Full duplex serial activity on all two serial (UART) channels at the clock frequency specified in the
recommended operating conditions with divisor of 1.
Table 26:
Static characteristics
Tolerance of VCC = ± 10 %
Symbol Parameter
Conditions
VCC = 2.5 V
VCC = 3.3 V and 5 V
Unit
Min
Typ
Max
Min
Typ
Max
VCC
supply voltage
VCC − 10 % VCC
VCC +10% VCC − 10 % VCC
VCC +10% V
VI
input voltage
0
-
VCC
0-
VCC
V
VIH
HIGH-level input
voltage
[1] 1.6
-
VCC
2.0
-
VCC
V
VIL
LOW-level input
voltage
[1] -
-
0.65
-
-
0.8
V
VO
output voltage
[2] 0-
VCC
0-
VCC
V
VOH
HIGH-level
output voltage
IOH = −8mA
[3] -
-
-
2.0
-
-
V
IOH = −4mA
[4] -
-
-
2.0
-
-
V
IOH = −800 µA
[3] 1.85
-
-
-
-
-
V
IOH = −400 µA
[4] 1.85
-
-
-
-
-
V
VOL
LOW-level
output voltage [5]
IOL =8mA
[3] -
-
-
-
-
0.4
V
IOL =4mA
[4] -
-
-
-
-
0.4
V
IOL =2mA
[3] --
0.4
--
-V
IOL = 1.6 mA
[4] --
0.4
--
-V
Ci
input
capacitance
-
-
18
-
-
18
pF
Tamb
ambient
temperature
operating
−40
+25
+85
−40
+25
+85
°C
Tj
junction
temperature
[6] 0
+25
+125
0
+25
+125
°C
fXTAL1
frequency on pin
XTAL1
[7] -
-
50
-
-
80
MHz
δ
clock duty cycle
-
50
-
-
50
-
%
ICC
supply current
f = 5 MHz
[8] -
-
3.5
-
-
4.5
mA
ICC(sleep) sleep current
-
-
200
-
-
200
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com