Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC68C752B Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SC68C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and Motorola uP interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C752B Datasheet(HTML) 5 Page - NXP Semiconductors

  SC68C752B Datasheet HTML 1Page - NXP Semiconductors SC68C752B Datasheet HTML 2Page - NXP Semiconductors SC68C752B Datasheet HTML 3Page - NXP Semiconductors SC68C752B Datasheet HTML 4Page - NXP Semiconductors SC68C752B Datasheet HTML 5Page - NXP Semiconductors SC68C752B Datasheet HTML 6Page - NXP Semiconductors SC68C752B Datasheet HTML 7Page - NXP Semiconductors SC68C752B Datasheet HTML 8Page - NXP Semiconductors SC68C752B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
SC68C752B_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 29 November 2005
5 of 49
Philips Semiconductors
SC68C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
5.2 Pin description
Table 2:
Pin description
Symbol
Pin
Type
Description
LQFP48
HVQFN32
A0
28
19
I
Address 0 select bit. Internal registers address selection.
A1
27
18
I
Address 1 select bit. Internal registers address selection.
A2
26
17
I
Address 2 select bit. Internal registers address selection.
A3
11
9
I
Address 3. A3 is used to select Channel A or Channel B. A logic LOW
selects Channel A, and a logic HIGH selects Channel B. (See Table 3.)
CDA, CDB
40, 16
-
I
Carrier Detect (active LOW). These inputs are associated with
individual UART Channel A and Channel B. A logic LOW on these pins
indicates that a carrier has been detected by the modem for that
channel. The state of these inputs is reflected in the Modem Status
Register (MSR).
CS
10
8
I
Chip Select (active LOW). This pin enables data transfers between the
user CPU and the SC68C752B for the channel(s) addressed. Individual
UART sections (A, B) are addressed by A3. See Table 3.
CTSA, CTSB
38, 23
25, 15
I
Clear to Send (active LOW). These inputs are associated with
individual UART Channel A and Channel B. A logic 0 (LOW) on the CTS
pins indicates the modem or data set is ready to accept transmit data
from the SC68C752B. Status can be tested by reading MSR[4]. These
pins only affect the transmit and receive operations when Auto-CTS
function is enabled via the Enhanced Feature Register EFR[7] for
hardware flow control operation.
D0 to D7
44, 45, 46,
47, 48, 1,
2, 3
27, 28, 29,
30, 31, 32,
1, 2
I/O
Data bus (bidirectional). These pins are the 8-bit, 3-state data bus for
transferring information to or from the controlling CPU. D0 is the least
significant bit and the first data bit in a transmit or receive serial data
stream.
DSRA, DSRB
39, 20
-
I
Data Set Ready (active LOW). These inputs are associated with
individual UART Channel A and Channel B. A logic 0 (LOW) on these
pins indicates the modem or data set is powered-on and is ready for data
exchange with the UART. The state of these inputs is reflected in the
Modem Status Register (MSR).
DTRA, DTRB
34, 35
-
O
Data Terminal Ready (active LOW). These outputs are associated with
individual UART Channel A and Channel B. A logic 0 (LOW) on these
pins indicates that the SC68C752B is powered-on and ready. These pins
can be controlled via the Modem Control Register. Writing a logic 1 to
MCR[0] will set the DTR output to logic 0 (LOW), enabling the modem.
The output of these pins will be a logic 1 after writing a logic 0 to MCR[0],
or after a reset.
GND
17, 24
13
I
Signal and power ground.
IRQ
30
21
O
Interrupt Request. Interrupts from UART Channel A and Channel B are
wire-ORed internally to function as a single IRQ interrupt. This pin
transitions to a logic 0 (if enabled by the Interrupt Enable Register)
whenever a UART channel(s) requires service. Individual channel
interrupt status can be determined by addressing each channel through
its associated internal register, using CS and A3. An external pull-up
resistor must be connected between this pin and VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com