Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC68C752B Datasheet(PDF) 20 Page - NXP Semiconductors

Part # SC68C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and Motorola uP interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C752B Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button SC68C752B Datasheet HTML 16Page - NXP Semiconductors SC68C752B Datasheet HTML 17Page - NXP Semiconductors SC68C752B Datasheet HTML 18Page - NXP Semiconductors SC68C752B Datasheet HTML 19Page - NXP Semiconductors SC68C752B Datasheet HTML 20Page - NXP Semiconductors SC68C752B Datasheet HTML 21Page - NXP Semiconductors SC68C752B Datasheet HTML 22Page - NXP Semiconductors SC68C752B Datasheet HTML 23Page - NXP Semiconductors SC68C752B Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
SC68C752B_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 29 November 2005
20 of 49
Philips Semiconductors
SC68C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
7.
Register descriptions
Each register is selected using address lines A0, A1, A2, and in some cases, bits from
other registers. The programming combinations for register selection are shown in
Table 10.
[1]
MCR[7] can only be modified when EFR[4] is set.
[2]
Accessed by a combination of address pins and register bits.
[3]
Accessible only when LCR[7] is logic 1.
[4]
Accessible only when LCR is set to 1011 1111 (BFh).
[5]
Accessible only when EFR[4] = 1 and MCR[6] = 1, that is, EFR[4] and MCR[6] are read/write enables.
[6]
Accessible only when CS = 0, MCR[2] = 1, and loopback is disabled (MCR[4] = 0).
Fig 13. Crystal oscillator connections
002aaa870
C2
47 pF
XTAL1
XTAL2
X1
1.8432 MHz
C1
22 pF
C2
33 pF
XTAL1
XTAL2
1.5 k
Ω
X1
1.8432 MHz
C1
22 pF
Table 10:
Register map - read/write properties
A2
A1
A0
Read mode
Write mode
0
0
0
Receive Holding Register (RHR)
Transmit Holding Register (THR)
0
0
1
Interrupt Enable Register (IER)
Interrupt Enable Register
0
1
0
Interrupt Identification Register (IIR)
FIFO Control Register (FCR)
0
1
1
Line Control Register (LCR)
Line Control Register
1
0
0
Modem Control Register (MCR) [1]
Modem Control Register [1]
1
0
1
Line Status Register (LSR)
1
1
0
Modem Status Register (MSR)
1
1
1
ScratchPad Register (SPR)
ScratchPad Register
0
0
0
Divisor Latch LSB (DLL) [2] [3]
divisor latch LSB [2] [3]
0
0
1
Divisor Latch MSB (DLH) [2] [3]
divisor latch MSB [2] [3]
0
1
0
Enhanced Feature Register (EFR) [2] [4]
Enhanced Feature Register [2] [4]
1
0
0
Xon1 word [2] [4]
Xon1 word [2] [4]
1
0
1
Xon2 word [2] [4]
Xon2 word [2] [4]
1
1
0
Xoff1 word [2] [4]
Xoff1 word [2] [4]
1
1
1
Xoff2 word [2] [4]
Xoff2 word [2] [4]
1
1
0
Transmission Control Register (TCR) [2] [5] Transmission Control Register [2] [5]
1
1
1
Trigger Level Register (TLR) [2] [5]
Trigger Level Register [2] [5]
1
1
1
FIFO ready register [2] [6]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com