Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC68C752B Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SC68C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and Motorola uP interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C752B Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SC68C752B Datasheet HTML 9Page - NXP Semiconductors SC68C752B Datasheet HTML 10Page - NXP Semiconductors SC68C752B Datasheet HTML 11Page - NXP Semiconductors SC68C752B Datasheet HTML 12Page - NXP Semiconductors SC68C752B Datasheet HTML 13Page - NXP Semiconductors SC68C752B Datasheet HTML 14Page - NXP Semiconductors SC68C752B Datasheet HTML 15Page - NXP Semiconductors SC68C752B Datasheet HTML 16Page - NXP Semiconductors SC68C752B Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
SC68C752B_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 29 November 2005
13 of 49
Philips Semiconductors
SC68C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
6.4 Reset
Table 5 summarizes the state of register after reset.
Remark: Registers DLL, DLH, SPR, XON1, XON2, XOFF1, XOFF2 are not reset by the
top-level reset signal RESET, that is, they hold their initialization values during reset.
Table 6 summarizes the state of registers after reset.
Table 5:
Register reset functions
Register
Reset control
Reset state
Interrupt Enable Register
RESET
all bits cleared
Interrupt Identification Register
RESET
bit 0 is set; all other bits cleared
FIFO Control Register
RESET
all bits cleared
Line Control Register
RESET
reset to 0001 1101 (1Dh)
Modem Control Register
RESET
all bits cleared
Line Status Register
RESET
bits 5 and 6 set; all other bits cleared
Modem Status Register
RESET
bits 0 to 3 cleared; bits 4 to 7 input signals
Enhanced Feature Register
RESET
all bits cleared
Receiver Holding Register
RESET
pointer logic cleared
Transmitter Holding Register
RESET
pointer logic cleared
Transmission Control Register
RESET
all bits cleared
Trigger Level Register
RESET
all bits cleared
Table 6:
Signal RESET functions
Signal
Reset control
Reset state
TX
RESET
HIGH
RTS
RESET
HIGH
DTR
RESET
HIGH
RXRDY
RESET
HIGH
TXRDY
RESET
LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com