Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC68C752B Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SC68C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and Motorola uP interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C752B Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SC68C752B Datasheet HTML 2Page - NXP Semiconductors SC68C752B Datasheet HTML 3Page - NXP Semiconductors SC68C752B Datasheet HTML 4Page - NXP Semiconductors SC68C752B Datasheet HTML 5Page - NXP Semiconductors SC68C752B Datasheet HTML 6Page - NXP Semiconductors SC68C752B Datasheet HTML 7Page - NXP Semiconductors SC68C752B Datasheet HTML 8Page - NXP Semiconductors SC68C752B Datasheet HTML 9Page - NXP Semiconductors SC68C752B Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
SC68C752B_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 29 November 2005
6 of 49
Philips Semiconductors
SC68C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
R/W
15
12
I
A logic LOW on this pin will transfer the contents of the data bus (D[0:7])
from an external CPU to an internal register that is defined by address
bits A[0:2]. A logic HIGH on this pin will load the contents of an internal
register defined by address bits A[0:2] on the SC68C752B data bus
(D[0:7]) for access by an external CPU.
n.c.
12, 25, 29,
37
14, 20
-
not connected
OPA, OPB
32, 9
22, 7
O
User defined outputs. This function is associated with individual
Channel A and Channel B. The state of these pins is defined by the user
through the software settings of MCR[3]. OPA/OPB is a logic 0 when
MCR[3] is set to a logic 1. OPA/OPB is a logic 1 when MCR[3] is set to a
logic 0. The output of these two pins is HIGH after reset.
RESET
36
24
I
Reset (active LOW). This pin will reset the internal registers and all the
outputs. The UART transmitter output and the receiver input will be
disabled during reset time. RESET is an active LOW input.
RIA, RIB
41, 21
-
I
Ring Indicator (active LOW). These inputs are associated with
individual UART Channel A and Channel B. A logic 0 on these pins
indicates the modem has received a ringing signal from the telephone
line. A LOW-to-HIGH transition on these input pins generates a modem
status interrupt, if enabled. The state of these inputs is reflected in the
Modem Status Register (MSR).
RTSA, RTSB
33, 22
23, 16
O
Request to Send (active LOW). These outputs are associated with
individual UART Channel A and Channel B. A logic 0 on the RTS pin
indicates the transmitter has data ready and waiting to send. Writing a
logic 1 in the Modem Control Register MCR[1] will set this pin to a
logic 0, indicating data is available. After a reset these pins are set to a
logic 1. These pins only affect the transmit and receive operations when
Auto-RTS function is enabled via the Enhanced Feature Register
(EFR[6]) for hardware flow control operation.
RXA, RXB
5, 4
4, 3
I
Receive data input. These inputs are associated with individual serial
channel data to the SC68C752B. During the local Loopback mode,
these RX input pins are disabled and TX data is connected to the UART
RX input internally.
RXRDYA,
RXRDYB
31, 18
-
O
Receive Ready (active LOW). RXRDYA or RXRDYB goes LOW when
the trigger level has been reached or the FIFO has at least one
character. It goes HIGH when the RX FIFO is empty.
TXA, TXB
7, 8
5, 6
O
Transmit data A, B. These outputs are associated with individual serial
transmit channel data from the SC68C752B. During the local Loopback
mode, the TX output pin is disabled and TX data is internally connected
to the UART RX input.
TXRDYA,
TXRDYB
43, 6
-
O
Transmit Ready (active LOW). TXRDYA or TXRDYB go LOW when
there are at least a trigger level number of spaces available or when the
FIFO is empty. It goes HIGH when the FIFO is full or not empty.
Table 2:
Pin description …continued
Symbol
Pin
Type
Description
LQFP48
HVQFN32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com