Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC68C752B Datasheet(PDF) 27 Page - NXP Semiconductors

Part # SC68C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and Motorola uP interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C752B Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button SC68C752B Datasheet HTML 23Page - NXP Semiconductors SC68C752B Datasheet HTML 24Page - NXP Semiconductors SC68C752B Datasheet HTML 25Page - NXP Semiconductors SC68C752B Datasheet HTML 26Page - NXP Semiconductors SC68C752B Datasheet HTML 27Page - NXP Semiconductors SC68C752B Datasheet HTML 28Page - NXP Semiconductors SC68C752B Datasheet HTML 29Page - NXP Semiconductors SC68C752B Datasheet HTML 30Page - NXP Semiconductors SC68C752B Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
SC68C752B_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 29 November 2005
27 of 49
Philips Semiconductors
SC68C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
7.7 Modem Status Register (MSR)
This 8-bit register provides information about the current state of the control lines from the
mode, data set, or peripheral device to the processor. It also indicates when a control
input from the modem changes state. Table 16 shows Modem Status Register bit settings
per channel.
[1]
The primary inputs RI, CD, CTS, DSR are all active LOW, but their registered equivalents in the MSR and
MCR (in Loopback mode) registers are active HIGH.
Table 16:
Modem Status Register bits description
Bit
Symbol
Description
7
MSR[7] [1]
CD (active HIGH, logical 1). This bit is the complement of the CD input during
normal mode. During internal Loopback mode, it is equivalent to MCR[3].
6
MSR[6] [1]
RI (active HIGH, logical 1). This bit is the complement of the RI input during
normal mode. During internal Loopback mode, it is equivalent to MCR[2].
5
MSR[5] [1]
DSR (active HIGH, logical 1). This bit is the complement of the DSR input
during normal mode. During internal Loopback mode, it is equivalent MCR[0].
4
MSR[4] [1]
CTS (active HIGH, logical 1). This bit is the complement of the CTS input
during normal mode. During internal Loopback mode, it is equivalent to
MCR[1].
3
MSR[3]
∆CD. Indicates that CD input (or MCR[3] in Loopback mode) has changed
state. Cleared on a read.
2
MSR[2]
∆RI. Indicates that RI input (or MCR[2] in Loopback mode) has changed state
from LOW to HIGH. Cleared on a read.
1
MSR[1]
∆DSR. Indicates that DSR input (or MCR[0] in Loopback mode) has changed
state. Cleared on a read.
0
MSR[0]
∆CTS. Indicates that CTS input (or MCR[1] in Loopback mode) has changed
state. Cleared on a read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com