Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC68C752B Datasheet(PDF) 31 Page - NXP Semiconductors

Part # SC68C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and Motorola uP interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C752B Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button SC68C752B Datasheet HTML 27Page - NXP Semiconductors SC68C752B Datasheet HTML 28Page - NXP Semiconductors SC68C752B Datasheet HTML 29Page - NXP Semiconductors SC68C752B Datasheet HTML 30Page - NXP Semiconductors SC68C752B Datasheet HTML 31Page - NXP Semiconductors SC68C752B Datasheet HTML 32Page - NXP Semiconductors SC68C752B Datasheet HTML 33Page - NXP Semiconductors SC68C752B Datasheet HTML 34Page - NXP Semiconductors SC68C752B Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
SC68C752B_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 29 November 2005
31 of 49
Philips Semiconductors
SC68C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
Remark: TCR can only be written to when EFR[4] = 1 and MCR[6] = 1. The programmer
must program the TCR such that TCR[3:0] > TCR[7:4]. There is no built-in hardware
check to make sure this condition is met. Also, the TCR must be programmed with this
condition before Auto-RTS or software flow control is enabled to avoid spurious operation
of the device.
7.13 Trigger Level Register (TLR)
This 8-bit register is pulsed to store the transmit and received FIFO trigger levels used for
DMA and interrupt generation. Trigger levels from 4 to 60 can be programmed with a
granularity of 4. Table 22 shows trigger level register bit settings.
Remark: TLR can only be written to when EFR[4] = 1 and MCR[6] = 1. If TLR[3:0] or
TLR[7:4] are logical 0, the selectable trigger levels via the FIFO control register (FCR) are
used for the transmit and receive FIFO trigger levels. Trigger levels from
4 bytes to 60 bytes are available with a granularity of four. The TLR should be
programmed for N
⁄
4, where N is the desired trigger level.
When the trigger level setting in TLR is zero, the SC68C752B uses the trigger level setting
defined in FCR. If TLR has non-zero trigger level value, the trigger level defined in FCR is
discarded. This applies to both transmit FIFO and receive FIFO trigger level setting.
When TLR is used for RX trigger level control, FCR[7:6] should be left at the default state,
that is, ‘00’.
7.14 FIFO ready register
The FIFO ready register provides real-time status of the transmit and receive FIFOs of
both channels.
The FIFO Rdy register is a read-only register that can be accessed when any of the two
UARTs is selected CS = 0, MCR[2] (FIFO Rdy Enable) is a logic 1, and loopback is
disabled. The address is 111.
Table 22:
Trigger Level Register bits description
Bit
Symbol
Description
7:4
TLR[7:4]
RX FIFO trigger levels (4 to 60), number of characters available.
3:0
TLR[3:0]
TX FIFO trigger levels (4 to 60), number of spaces available.
Table 23:
FIFO ready register bits description
Bit
Symbol
Description
7:6
FIFO Rdy[7:6]
unused; always 0
5
FIFO Rdy[5]
RX FIFO B status; related to DMA
4
FIFO Rdy[4]
RX FIFO A status; related to DMA
3:2
FIFO Rdy[3:2]
unused; always 0
1
FIFO Rdy[1]
TX FIFO B status; related to DMA
0
FIFO Rdy[0]
TX FIFO A status; related to DMA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com