Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC68C752B Datasheet(PDF) 28 Page - NXP Semiconductors

Part # SC68C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and Motorola uP interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C752B Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button SC68C752B Datasheet HTML 24Page - NXP Semiconductors SC68C752B Datasheet HTML 25Page - NXP Semiconductors SC68C752B Datasheet HTML 26Page - NXP Semiconductors SC68C752B Datasheet HTML 27Page - NXP Semiconductors SC68C752B Datasheet HTML 28Page - NXP Semiconductors SC68C752B Datasheet HTML 29Page - NXP Semiconductors SC68C752B Datasheet HTML 30Page - NXP Semiconductors SC68C752B Datasheet HTML 31Page - NXP Semiconductors SC68C752B Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
SC68C752B_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 29 November 2005
28 of 49
Philips Semiconductors
SC68C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
7.8 Interrupt Enable Register (IER)
The Interrupt Enable Register (IER) enables each of the six types of interrupt, receiver
error, RHR interrupt, THR interrupt, Xoff received, or CTS/RTS change of state from LOW
to HIGH. The IRQ output signal is activated in response to interrupt generation. Table 17
shows Interrupt Enable Register bit settings.
[1]
IER[7:4] can only be modified if EFR[4] is set, that is, EFR[4] is a write enable. Re-enabling IER[1] will not
cause a new interrupt if the THR is below the threshold.
Table 17:
Interrupt Enable Register bits description
Bit
Symbol
Description
7
IER[7] [1]
CTS interrupt enable.
logic 0 = disable the CTS interrupt (normal default condition)
logic 1 = enable the CTS interrupt
6
IER[6] [1]
RTS interrupt enable.
logic 0 = disable the RTS interrupt (normal default condition)
logic 1 = enable the RTS interrupt
5
IER[5] [1]
Xoff interrupt.
logic 0 = disable the Xoff interrupt (normal default condition)
logic 1 = enable the Xoff interrupt
4
IER[4] [1]
Sleep mode.
logic 0 = disable Sleep mode (normal default condition)
logic 1 = enable Sleep mode. See Section 6.7 “Sleep mode” for details.
3
IER[3]
Modem Status Interrupt.
logic 0 = disable the Modem Status Register interrupt (normal default
condition)
logic 1 = enable the Modem Status Register interrupt
2
IER[2]
Receive Line Status interrupt.
logic 0 = disable the receiver line status interrupt (normal default condition)
logic 1 = enable the receiver line status interrupt
1
IER[1]
Transmit Holding Register interrupt.
logic 0 = disable the THR interrupt (normal default condition)
logic 1 = enable the THR interrupt
0
IER[0]
Receive Holding Register interrupt.
logic 0 = disable the RHR interrupt (normal default condition)
logic 1 = enable the RHR interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com