Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC68C752B Datasheet(PDF) 25 Page - NXP Semiconductors

Part # SC68C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and Motorola uP interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C752B Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button SC68C752B Datasheet HTML 21Page - NXP Semiconductors SC68C752B Datasheet HTML 22Page - NXP Semiconductors SC68C752B Datasheet HTML 23Page - NXP Semiconductors SC68C752B Datasheet HTML 24Page - NXP Semiconductors SC68C752B Datasheet HTML 25Page - NXP Semiconductors SC68C752B Datasheet HTML 26Page - NXP Semiconductors SC68C752B Datasheet HTML 27Page - NXP Semiconductors SC68C752B Datasheet HTML 28Page - NXP Semiconductors SC68C752B Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
SC68C752B_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 29 November 2005
25 of 49
Philips Semiconductors
SC68C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
7.5 Line Status Register (LSR)
Table 14 shows the Line Status Register bit settings.
When the LSR is read, LSR[4:2] reflect the error bits (BI, FE, PE) of the character at the
top of the RX FIFO (next character to be read). The LSR[4:2] registers do not physically
exist, as the data read from the RX FIFO is output directly onto the output data bus,
D[4:2], when the LSR is read. Therefore, errors in a character are identified by reading the
LSR and then reading the RHR.
LSR[7] is set when there is an error anywhere in the RX FIFO, and is cleared only when
there are no more errors remaining in the FIFO.
Reading the LSR does not cause an increment of the RX FIFO read pointer. The RX FIFO
read pointer is incremented by reading the RHR.
Table 14:
Line Status Register bits description
Bit
Symbol
Description
7
LSR[7]
FIFO data error.
logic 0 = No error (normal default condition)
logic 1 = At least one parity error, framing error, or break indication is in the
receiver FIFO. This bit is cleared when no more errors are present in the
FIFO.
6
LSR[6]
THR and TSR empty. This bit is the Transmit Empty indicator.
logic 0 = transmitter hold and shift registers are not empty
logic 1 = transmitter hold and shift registers are empty
5
LSR[5]
THR empty. This bit is the Transmit Holding Register Empty indicator.
logic 0 = Transmit Hold Register is not empty
logic 1 = Transmit Hold Register is empty. The processor can now load up to
64 bytes of data into the THR if the TX FIFO is enabled.
4
LSR[4]
Break interrupt.
logic 0 = no break condition (normal default condition)
logic 1 = A break condition occurred and associated byte is 00, that is,
RX was LOW for one character time frame.
3
LSR[3]
Framing error.
logic 0 = no framing error in data being read from RX FIFO (normal default
condition)
logic 1 = Framing error occurred in data being read from RX FIFO, that is,
received data did not have a valid stop bit.
2
LSR[2]
Parity error.
logic 0 = no parity error (normal default condition)
logic 1 = parity error in data being read from RX FIFO
1
LSR[1]
Overrun error.
logic 0 = no overrun error (normal default condition)
logic 1 = overrun error has occurred
0
LSR[0]
Data in receiver.
logic 0 = no data in receive FIFO (normal default condition)
logic 1 = at least one character in the RX FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com