Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC68C752B Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SC68C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and Motorola uP interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C752B Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SC68C752B Datasheet HTML 13Page - NXP Semiconductors SC68C752B Datasheet HTML 14Page - NXP Semiconductors SC68C752B Datasheet HTML 15Page - NXP Semiconductors SC68C752B Datasheet HTML 16Page - NXP Semiconductors SC68C752B Datasheet HTML 17Page - NXP Semiconductors SC68C752B Datasheet HTML 18Page - NXP Semiconductors SC68C752B Datasheet HTML 19Page - NXP Semiconductors SC68C752B Datasheet HTML 20Page - NXP Semiconductors SC68C752B Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
SC68C752B_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 29 November 2005
17 of 49
Philips Semiconductors
SC68C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
6.6.2 Block DMA transfers (DMA mode 1)
Figure 11 shows TXRDY and RXRDY in DMA mode 1.
6.6.2.1
Transmitter
TXRDY is active when there is a trigger level number of spaces available. It becomes
inactive when the FIFO is full.
6.6.2.2
Receiver
RXRDY becomes active when the trigger level has been reached, or when a time-out
interrupt occurs. It will go inactive when the FIFO is empty or an error in the RX FIFO is
flagged by LSR[7].
6.7 Sleep mode
Sleep mode is an enhanced feature of the SC68C752B UART. It is enabled when EFR[4],
the enhanced functions bit, is set and when IER[4] is set. Sleep mode is entered when:
• The serial data input line, RX, is idle (see Section 6.8 “Break and time-out
conditions”).
• The TX FIFO and TX shift register are empty.
• There are no interrupts pending except THR and time-out interrupts.
Remark: Sleep mode will not be entered if there is data in the RX FIFO.
In Sleep mode, the UART clock and baud rate clock are stopped. Since most registers are
clocked using these clocks, the power consumption is greatly reduced. The UART will
wake up when any change is detected on the RX line, when there is any change in the
state of the modem input pins, or if data is written to the TX FIFO.
Remark: Writing to the divisor latches, DLL and DLH, to set the baud clock, must not be
done during Sleep mode. Therefore, it is advisable to disable Sleep mode using IER[4]
before writing to DLL or DLH.
Fig 11. TXRDY and RXRDY in DMA mode 1
TX
wrptr
wrptr
TXRDY
FIFO full
TXRDY
RX
rdptr
rdptr
FIFO EMPTY
RXRDY
RXRDY
002aaa234
trigger
level
trigger
level
at least one
location filled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com