Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC68C752B Datasheet(PDF) 32 Page - NXP Semiconductors

Part # SC68C752B
Description  5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and Motorola uP interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC68C752B Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button SC68C752B Datasheet HTML 28Page - NXP Semiconductors SC68C752B Datasheet HTML 29Page - NXP Semiconductors SC68C752B Datasheet HTML 30Page - NXP Semiconductors SC68C752B Datasheet HTML 31Page - NXP Semiconductors SC68C752B Datasheet HTML 32Page - NXP Semiconductors SC68C752B Datasheet HTML 33Page - NXP Semiconductors SC68C752B Datasheet HTML 34Page - NXP Semiconductors SC68C752B Datasheet HTML 35Page - NXP Semiconductors SC68C752B Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
SC68C752B_3
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 29 November 2005
32 of 49
Philips Semiconductors
SC68C752B
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs
8.
Programmer’s guide
The base set of registers that is used during high-speed data transfer have a
straightforward access method. The extended function registers require special access
bits to be decoded along with the address lines. The following guide will help with
programming these registers. Note that the descriptions below are for individual register
access. Some streamlining through interleaving can be obtained when programming all
the registers.
Table 24:
Register programming guide
Command
Actions
Set baud rate to VALUE1, VALUE2
read LCR (03h), save in temp
set LCR (03h) to 80h
set DLL (00h) to VALUE1
set DLM (01h) to VALUE2
set LCR (03h) to temp
Set Xoff1, Xon1 to VALUE1, VALUE2
read LCR (03h), save in temp
set LCR (03h) to BFh
set Xoff1 (06h) to VALUE1
set Xon1 (04h) to VALUE2
set LCR (03h) to temp
Set Xoff2, Xon2 to VALUE1, VALUE2
read LCR (03h), save in temp
set LCR (03h) to BFh
set Xoff2 (07h) to VALUE1
set Xon2 (05h) to VALUE2
set LCR (03h) to temp
Set software flow control mode to VALUE
read LCR (03h), save in temp
set LCR (03h) to BFh
set EFR (02h) to VALUE
set LCR (03h) to temp
Set flow control threshold to VALUE
read LCR (03h), save in temp1
set LCR (03h) to BFh
read EFR (02h), save in temp2
set EFR (02h) to 10h + temp2
set LCR (03h) to 00h
read MCR (04h), save in temp3
set MCR (04h) to 40h + temp3
set TCR (06h) to VALUE
set MCR (04h) to temp3
set LCR (03h) to BFh
set EFR (02h) to temp2
set LCR (03h) to temp1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com