Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMRF2004NB Datasheet(PDF) 14 Page - NXP Semiconductors

Part # MMRF2004NB
Description  RF LDMOS Wideband Integrated Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF2004NB Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button MMRF2004NB Datasheet HTML 10Page - NXP Semiconductors MMRF2004NB Datasheet HTML 11Page - NXP Semiconductors MMRF2004NB Datasheet HTML 12Page - NXP Semiconductors MMRF2004NB Datasheet HTML 13Page - NXP Semiconductors MMRF2004NB Datasheet HTML 14Page - NXP Semiconductors MMRF2004NB Datasheet HTML 15Page - NXP Semiconductors MMRF2004NB Datasheet HTML 16Page - NXP Semiconductors MMRF2004NB Datasheet HTML 17Page - NXP Semiconductors MMRF2004NB Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
14
RF Device Data
Freescale Semiconductor, Inc.
MMRF2004NBR1
ALTERNATIVE PEAK TUNE LOAD PULL CHARACTERISTICS
19
50
6
Pin, INPUT POWER (dBm)
VDD =28 Vdc,IDQ1 =77 mA, IDQ2 = 275 mA
Pulsed CW, 10 sec(on), 10% Duty Cycle,
f = 2500 MHz
42
40
38
36
34
79
811
10
14
12
Actual
Ideal
P1dB = 44.61 dBm (29 W)
13
15 16
5
P3dB = 45.73 dBm (36 W)
NOTE: Load Pull Test Fixture Tuned for Peak P1dB Output Power @ 28 V
4
3
48
44
46
17 18
Test Impedances per Compression Level
Zsource
Zload
P1dB
42.7 + j11.6
4.86 -- j1.63
Figure 16. Pulsed CW Output Power
versus Input Power @ 28 V @ 2500 MHz
20
50
6
Pin, INPUT POWER (dBm)
VDD =28 Vdc,IDQ1 =77 mA, IDQ2 = 275 mA
Pulsed CW, 10 sec(on), 10% Duty Cycle,
f = 2700 MHz
42
40
38
36
32
79
811
10
14
12
Actual
Ideal
P1dB = 45.42 dBm (28 W)
13
15 16
5
P3dB = 44.46 dBm (35 W)
NOTE: Load Pull Test Fixture Tuned for Peak P1dB Output Power @ 28 V
4
2
48
44
46
17 18
34
319
Test Impedances per Compression Level
Zsource
Zload
P1dB
39.5 -- j8.7
3.53 -- j1.66
Figure 17. Pulsed CW Output Power
versus Input Power @ 28 V @ 2700 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com