Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMRF2004NB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MMRF2004NB
Description  RF LDMOS Wideband Integrated Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF2004NB Datasheet(HTML) 2 Page - NXP Semiconductors

  MMRF2004NB Datasheet HTML 1Page - NXP Semiconductors MMRF2004NB Datasheet HTML 2Page - NXP Semiconductors MMRF2004NB Datasheet HTML 3Page - NXP Semiconductors MMRF2004NB Datasheet HTML 4Page - NXP Semiconductors MMRF2004NB Datasheet HTML 5Page - NXP Semiconductors MMRF2004NB Datasheet HTML 6Page - NXP Semiconductors MMRF2004NB Datasheet HTML 7Page - NXP Semiconductors MMRF2004NB Datasheet HTML 8Page - NXP Semiconductors MMRF2004NB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
RF Device Data
Freescale Semiconductor, Inc.
MMRF2004NBR1
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain--Source Voltage
VDS
--0.5, +65
Vdc
Gate--Source Voltage
VGS
--0.5, +10
Vdc
Operating Voltage
VDD
32, +0
Vdc
Storage Temperature Range
Tstg
-- 65 to +150
C
Case Operating Temperature
TC
150
C
Operating Junction Temperature (1)
TJ
225
C
Input Power
Pin
22
dBm
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (2)
Unit
Thermal Resistance, Junction to Case
WiMAX Application
Stage 1, 28 Vdc, IDQ1 =77 mA
(Case Temperature 75C, Pout = 4 W Avg.)
Stage 2, 28 Vdc, IDQ2 = 275 mA
CW Application
Stage 1, 28 Vdc, IDQ1 =77 mA
(Case Temperature 81C, Pout = 25 W CW)
Stage 2, 28 Vdc, IDQ2 = 275 mA
RJC
5.9
1.4
5.5
1.3
C/W
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
1B
Machine Model (per EIA/JESD22--A115)
A
Charge Device Model (per JESD22--C101)
II
Table 4. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD22--A113, IPC/JEDEC J--STD--020
3
260
C
Table 5. Electrical Characteristics (TA =25C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Stage 1 -- Off Characteristics
Zero Gate Voltage Drain Leakage Current
(VDS =65 Vdc, VGS =0 Vdc)
IDSS
—
—
10
Adc
Zero Gate Voltage Drain Leakage Current
(VDS =28 Vdc, VGS =0 Vdc)
IDSS
—
—
1
Adc
Gate--Source Leakage Current
(VGS =1.5 Vdc, VDS =0 Vdc)
IGSS
—
—
1
Adc
Stage 1 -- On Characteristics
Gate Threshold Voltage
(VDS =10 Vdc, ID =20 Adc)
VGS(th)
1.2
1.9
2.7
Vdc
Gate Quiescent Voltage
(VDS =28 Vdc, IDQ1 =77 mA)
VGS(Q)
—
2.7
—
Vdc
Fixture Gate Quiescent Voltage
(VDD =28 Vdc, IDQ1 = 77 mAdc, Measured in Functional Test)
VGG(Q)
12.5
15.8
19.5
Vdc
1. Continuous use at maximum temperature will affect MTTF.
2. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes -- AN1955.
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com