Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMRF2004NB Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MMRF2004NB
Description  RF LDMOS Wideband Integrated Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF2004NB Datasheet(HTML) 5 Page - NXP Semiconductors

  MMRF2004NB Datasheet HTML 1Page - NXP Semiconductors MMRF2004NB Datasheet HTML 2Page - NXP Semiconductors MMRF2004NB Datasheet HTML 3Page - NXP Semiconductors MMRF2004NB Datasheet HTML 4Page - NXP Semiconductors MMRF2004NB Datasheet HTML 5Page - NXP Semiconductors MMRF2004NB Datasheet HTML 6Page - NXP Semiconductors MMRF2004NB Datasheet HTML 7Page - NXP Semiconductors MMRF2004NB Datasheet HTML 8Page - NXP Semiconductors MMRF2004NB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
MMRF2004NBR1
5
RF Device Data
Freescale Semiconductor, Inc.
Figure 3. MMRF2004NBR1 Test Circuit Schematic
Z9
0.040 x 0.061 Microstrip
Z10
0.020 x 0.050 Microstrip
Z11
0.050 x 0.050 Microstrip
Z12
0.050 x 0.027 Microstrip
Z13*
0.338 x 0.020 Microstrip
Z14
1.551 x 0.027 Microstrip
PCB
Rogers R04350B, 0.0133, r =3.48
* Line length includes microstrip bends
Z1
0.500 x 0.027 Microstrip
Z2
0.075 x 0.127 Microstrip
Z3
1.640 x 0.027 Microstrip
Z4
0.100 x 0.042 Microstrip
Z5
0.151 x 0.268 Microstrip
Z6
0.025 x 0.268 x 0.056 Taper
Z7
0.050 x 0.056 Microstrip
Z8
0.356 x 0.056 Microstrip
Z2
RF
INPUT
VG1
Z5
RF
OUTPUT
C11
1
2
3
4
5
6
7
8
14
13
12
11
10
9
15
16
NC
NC
NC
DUT
Z3
VDD1
Quiescent Current
Temperature
Compensation
Z1
NC
Z7
Z11
C10
NC
NC
Z8
Z10
Z9
C7
C8
C9
C17
Z4
C6
C5
C4
R4
R5
R6
C3
C2
C1
R1
R2
R3
VG2
NC
NC
NC
NC
Z6
VD2
C13
C14
C15
C16
28 V
B1
Z13
Z12 Z14
C12
Table 6. MMRF2004NBR1 Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
B1
47 , 100 MHz Short Ferrite Bead
2743019447
Fair--Rite
C1, C4, C7, C12, C15
6.8 pF Chip Capacitors
ATC600S6R8CT250XT
ATC
C2, C5, C8, C13
10 nF Chip Capacitors
C0603C103J5RAC
Kemet
C3, C6, C9, C14
1 F, 50 V Chip Capacitors
GRM32RR71H105KA01B
Murata
C10
2.4 pF Chip Capacitor
ATC600S2R4BT250XT
ATC
C11
3.3 pF Chip Capacitor
ATC600S3R3BT250XT
ATC
C16, C17
10 F, 50 V Chip Capacitors
GRM55DR61H106KA88B
Murata
R1, R4
12 K, 1/4 W Chip Resistors
CRCW12061202FKEA
Vishay
R2, R3, R5, R6
1K, 1/4 W Chip Resistors
CRCW12061001FKEA
Vishay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com