Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMRF2004NB Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MMRF2004NB
Description  RF LDMOS Wideband Integrated Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF2004NB Datasheet(HTML) 1 Page - NXP Semiconductors

  MMRF2004NB Datasheet HTML 1Page - NXP Semiconductors MMRF2004NB Datasheet HTML 2Page - NXP Semiconductors MMRF2004NB Datasheet HTML 3Page - NXP Semiconductors MMRF2004NB Datasheet HTML 4Page - NXP Semiconductors MMRF2004NB Datasheet HTML 5Page - NXP Semiconductors MMRF2004NB Datasheet HTML 6Page - NXP Semiconductors MMRF2004NB Datasheet HTML 7Page - NXP Semiconductors MMRF2004NB Datasheet HTML 8Page - NXP Semiconductors MMRF2004NB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MMRF2004NBR1
1
RF Device Data
Freescale Semiconductor, Inc.
RF LDMOS Wideband Integrated
Power Amplifier
The MMRF2004NB wideband integrated circuit is designed with on--chip
matching that makes it usable from 2300 to 2700 MHz. This multi--stage
structure is rated for 26 to 32 V operation and covers all typical cellular base
station modulation formats.
 Typical WiMAX Performance: VDD =28 Vdc,IDQ1 =77 mA, IDQ2 = 275 mA,
Pout = 4 W Avg., f = 2700 MHz, OFDM 802.16d, 64 QAM 3/4,
4 Bursts, 10 MHz Channel Bandwidth, Input Signal PAR = 9.5 dB @ 0.01%
Probability on CCDF.
Power Gain — 28.5 dB
Power Added Efficiency — 17%
Device Output Signal PAR — 9 dB @ 0.01% Probability on CCDF
ACPR @ 8.5 MHz Offset — --50 dBc in 1 MHz Channel Bandwidth
Driver Applications
 Typical WiMAX Performance: VDD =28 Vdc,IDQ1 =77 mA, IDQ2 = 275 mA,
Pout = 26 dBm Avg., f = 2700 MHz, OFDM 802.16d, 64 QAM 3/4,
4 Bursts, 10 MHz Channel Bandwidth, Input Signal PAR = 9.5 dB @ 0.01%
Probability on CCDF.
Power Gain — 27.8 dB
Power Added Efficiency — 3.2%
Device Output Signal PAR — 9 dB @ 0.01% Probability on CCDF
ACPR @ 8.5 MHz Offset — --56 dBc in 1 MHz Channel Bandwidth
 Capable of Handling 10:1 VSWR, @ 32 Vdc, 2600 MHz, 40 W CW Output
Power (3 dB Input Overdrive from Rated Pout)
 Stable into a 5:1 VSWR. All Spurs Below --60 dBc @ 100 mW to 5 W CW Pout
 Typical Pout @ 1 dB Compression Point
≃ 25 W CW
Features
 100% PAR Tested for Guaranteed Output Power Capability
 Characterized with Series Equivalent Large--Signal Impedance Parameters
and Common Source S--Parameters
 On--Chip Matching (50 Ohm Input, DC Blocked)
 Integrated Quiescent Current Temperature Compensation with
Enable/Disable Function (1)
 Integrated ESD Protection
 225C Capable Plastic Package
 In Tape and Reel. R1 Suffix = 500 Units, 44 mm Tape Width, 13--inch Reel.
1. Refer to AN1977, Quiescent Current Thermal Tracking Circuit in the RF Integrated Circuit Family and to AN1987, Quiescent Current
Control for the RF Integrated Circuit Device Family. Go to http://www.freescale.com/rf. Select Documentation/Application Notes -- AN1977
or AN1987.
MMRF2004NBR1
2500--2700 MHz, 4 W AVG., 28 V
WiMAX
RF LDMOS WIDEBAND
INTEGRATED POWER AMPLIFIER
TO--272WB--16
PLASTIC
Document Number: MMRF2004NB
Rev. 0, 12/2013
Freescale Semiconductor
Technical Data
Figure 1. Functional Block Diagram
Quiescent Current
Temperature Compensation (1)
VDS1
RFin
VGS1
RFout/VDS2
VGS2
VDS1
(Top View)
Figure 2. Pin Connections
Note: Exposed backside of the package is
the source terminal for the transistors.
GND
NC
RFin
VGS1
GND
RFout/VDS2
GND
1
2
3
4
5
6
7
8
16
15
14
13
12
VGS2
9
10
GND
11
VDS1
NC
NC
NC
VDS1
NC
NC
 Freescale Semiconductor, Inc., 2013. All rights reserved.


Similar Part No. - MMRF2004NB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMRF2005GN NXP-MMRF2005GN Datasheet
739Kb / 18P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 8/2015
MMRF2005N NXP-MMRF2005N Datasheet
739Kb / 18P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 8/2015
MMRF2006N NXP-MMRF2006N Datasheet
764Kb / 18P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 0, 7/2014
MMRF2006NT1 NXP-MMRF2006NT1 Datasheet
764Kb / 18P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 0, 7/2014
MMRF2007GN NXP-MMRF2007GN Datasheet
403Kb / 17P
RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
More results

Similar Description - MMRF2004NB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHVIC2115R2 MOTOROLA-MHVIC2115R2 Datasheet
587Kb / 8P
RF LDMOS Wideband Integrated Power Amplifier
logo
Freescale Semiconductor...
MHV5IC2215NR2 FREESCALE-MHV5IC2215NR2_07 Datasheet
829Kb / 19P
RF LDMOS Wideband Integrated Power Amplifier
MHVIC2114R2 FREESCALE-MHVIC2114R2 Datasheet
464Kb / 9P
RF LDMOS Wideband Integrated Power Amplifier
MHVIC2115R2 FREESCALE-MHVIC2115R2 Datasheet
394Kb / 9P
RF LDMOS Wideband Integrated Power Amplifier
MW4IC001MR4 FREESCALE-MW4IC001MR4_06 Datasheet
662Kb / 16P
RF LDMOS Wideband Integrated Power Amplifier
MD8IC970NR1 FREESCALE-MD8IC970NR1 Datasheet
407Kb / 14P
RF LDMOS Wideband Integrated Power Amplifier
logo
NXP Semiconductors
AFIC901N NXP-AFIC901N Datasheet
1Mb / 20P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 0, 1/2016
MHV5IC2215N NXP-MHV5IC2215N Datasheet
904Kb / 19P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 3, 1/2007
MHVIC915NR2 NXP-MHVIC915NR2 Datasheet
556Kb / 16P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 9, 5/2006
MW4IC001MR4 NXP-MW4IC001MR4 Datasheet
670Kb / 16P
RF LDMOS Wideband Integrated Power Amplifier
Rev. 4, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com