Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMRF2004NB Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MMRF2004NB
Description  RF LDMOS Wideband Integrated Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF2004NB Datasheet(HTML) 4 Page - NXP Semiconductors

  MMRF2004NB Datasheet HTML 1Page - NXP Semiconductors MMRF2004NB Datasheet HTML 2Page - NXP Semiconductors MMRF2004NB Datasheet HTML 3Page - NXP Semiconductors MMRF2004NB Datasheet HTML 4Page - NXP Semiconductors MMRF2004NB Datasheet HTML 5Page - NXP Semiconductors MMRF2004NB Datasheet HTML 6Page - NXP Semiconductors MMRF2004NB Datasheet HTML 7Page - NXP Semiconductors MMRF2004NB Datasheet HTML 8Page - NXP Semiconductors MMRF2004NB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
RF Device Data
Freescale Semiconductor, Inc.
MMRF2004NBR1
Table 5. Electrical Characteristics (TA =25C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Typical Performances (In Freescale Test Fixture, 50 ohm system) VDD =28 Vdc, IDQ1 =77 mA, IDQ2 = 275 mA, 2500--2700 MHz Bandwidth
Pout @ 1 dB Compression Point, CW
P1dB
—
25
—
W
IMD Symmetry @ 27 W PEP, Pout where IMD Third Order
Intermodulation 30 dBc
(Delta IMD Third Order Intermodulation between Upper and Lower
Sidebands > 2 dB)
IMDsym
—
50
—
MHz
VBW Resonance Point
(IMD Third Order Intermodulation Inflection Point)
VBWres
—
90
—
MHz
Gain Flatness in 200 MHz Bandwidth @ Pout =4 W Avg.
GF
—
0.5
—
dB
Average Deviation from Linear Phase in 200 MHz Bandwidth
@Pout =25 W CW
—
2.1
—
Average Group Delay @ Pout = 25 W CW, f = 2600 MHz
Delay
—
2.3
—
ns
Part--to--Part Insertion Phase Variation @ Pout =25 W CW,
f = 2600 MHz, Six Sigma Window

—
22
—
Gain Variation over Temperature
(--30Cto+85C)
G
—
0.036
—
dB/C
Output Power Variation over Temperature
(--30Cto+85C)
P1dB
—
0.003
—
dBm/C
Typical Driver Performances (In Freescale Test Fixture, 50 ohm system) VDD =28 Vdc, IDQ1 =77 mA, IDQ2 = 275 mA, Pout =26 dBm Avg.,
f = 2700 MHz, WiMAX, OFDM 802.16d, 64 QAM 3/4, 4 Bursts, 10 MHz Channel Bandwidth, Input Signal PAR = 9.5 dB @ 0.01% Probability
on CCDF. ACPR measured in 1 MHz Channel Bandwidth @ 8.5 MHz Offset.
Power Gain
Gps
—
27.8
—
dB
Power Added Efficiency
PAE
—
3.2
—
%
Output Peak--to--Average Ratio @ 0.01% Probability on CCDF
PAR
—
9
—
dB
Adjacent Channel Power Ratio
ACPR
—
--56
—
dBc
Input Return Loss
IRL
—
--13
—
dB
Relative Constellation Error @ Pout =1.25 W Avg. (1)
RCE
—
--40
—
dB
1. RCE = 20Log(EVM/100)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com