Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMRF2004NB Datasheet(PDF) 12 Page - NXP Semiconductors

Part # MMRF2004NB
Description  RF LDMOS Wideband Integrated Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF2004NB Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button MMRF2004NB Datasheet HTML 8Page - NXP Semiconductors MMRF2004NB Datasheet HTML 9Page - NXP Semiconductors MMRF2004NB Datasheet HTML 10Page - NXP Semiconductors MMRF2004NB Datasheet HTML 11Page - NXP Semiconductors MMRF2004NB Datasheet HTML 12Page - NXP Semiconductors MMRF2004NB Datasheet HTML 13Page - NXP Semiconductors MMRF2004NB Datasheet HTML 14Page - NXP Semiconductors MMRF2004NB Datasheet HTML 15Page - NXP Semiconductors MMRF2004NB Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
RF Device Data
Freescale Semiconductor, Inc.
MMRF2004NBR1
Table 7. Common Source S--Parameters (VDD =28 V, IDQ1 =77 mA, IDQ2 = 275 mA, TA =25C, 50 Ohm System)
f
MHz
S11
S21
S12
S22
|S11|

|S21|

|S12|

|S22|

1500
0.735
61.0
0.001
--167.6
0.000501
26.6
0.992
167.9
1550
0.729
53.3
0.004
--146.0
0.000361
34.7
0.993
166.3
1600
0.715
46.5
0.014
--146.4
0.000114
109.5
0.991
164.6
1650
0.695
39.8
0.039
--152.5
0.000385
148.4
0.992
162.7
1700
0.665
32.9
0.110
--166.8
0.000773
155.6
0.989
160.5
1750
0.619
25.0
0.299
169.4
0.00134
153.2
0.979
157.8
1800
0.549
15.1
0.708
134.4
0.00198
143.0
0.944
155.2
1850
0.452
2.6
1.335
96.3
0.00250
131.2
0.903
153.9
1900
0.332
--14.4
2.195
62.1
0.00290
121.7
0.879
153.0
1950
0.199
--40.1
3.445
32.7
0.00320
113.8
0.847
151.0
2000
0.089
--91.9
5.724
4.8
0.00345
108.5
0.817
147.7
2050
0.078
167.4
10.041
--26.2
0.00382
107.0
0.749
140.6
2100
0.116
90.3
19.072
--65.1
0.00525
105.3
0.571
125.2
2150
0.170
--13.2
32.642
--126.0
0.00781
77.9
0.054
160.2
2200
0.192
--93.2
31.339
171.3
0.00640
41.0
0.555
--144.4
2250
0.177
--123.0
26.174
130.3
0.00432
24.9
0.726
--160.3
2300
0.163
--132.6
23.605
98.7
0.00294
22.3
0.770
--167.1
2350
0.153
--140.5
22.427
70.0
0.00224
31.0
0.789
--170.1
2400
0.119
--153.6
21.922
41.7
0.00208
42.5
0.800
--171.0
2450
0.059
--165.3
21.172
14.2
0.00216
48.9
0.820
--171.2
2500
0.014
--50.7
20.172
--12.5
0.00227
48.9
0.850
--171.3
2550
0.055
--55.0
19.222
--39.5
0.00213
51.4
0.889
--171.7
2600
0.056
--84.7
17.366
--66.8
0.00209
57.8
0.933
--173.2
2650
0.029
177.4
14.562
--91.5
0.00247
65.6
0.961
--175.8
2700
0.069
103.3
12.199
--111.7
0.00286
62.2
0.968
--178.0
2750
0.122
84.1
10.485
--130.4
0.00308
56.3
0.969
--179.5
2800
0.287
59.8
8.086
--154.4
0.00326
50.9
0.969
179.3
2850
0.184
--5.4
7.102
--152.5
0.00292
39.2
0.966
178.6
2900
0.129
--17.4
6.753
--169.3
0.00256
38.6
0.969
178.0
2950
0.128
--41.0
6.107
175.4
0.00232
38.5
0.970
177.4
3000
0.164
--65.7
5.445
160.8
0.00213
39.9
0.972
176.9
3050
0.223
--86.2
4.867
146.7
0.00196
42.0
0.972
176.4
3100
0.297
--100.4
4.363
133.2
0.00183
46.0
0.973
176.0
3150
0.374
--110.4
3.918
120.0
0.00176
51.4
0.974
175.5
3200
0.447
--118.0
3.534
107.2
0.00181
56.5
0.974
174.9
3250
0.515
--123.4
3.198
95.3
0.00191
60.9
0.975
174.3
3300
0.563
--128.0
2.951
83.3
0.00211
58.8
0.975
173.7
3350
0.619
--131.8
2.761
71.2
0.00206
63.0
0.976
173.0
3400
0.651
--136.0
2.581
58.8
0.00218
64.8
0.975
172.3
3450
0.671
--140.1
2.418
46.0
0.00237
68.3
0.975
171.6
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com