Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMRF2004NB Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MMRF2004NB
Description  RF LDMOS Wideband Integrated Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF2004NB Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MMRF2004NB Datasheet HTML 4Page - NXP Semiconductors MMRF2004NB Datasheet HTML 5Page - NXP Semiconductors MMRF2004NB Datasheet HTML 6Page - NXP Semiconductors MMRF2004NB Datasheet HTML 7Page - NXP Semiconductors MMRF2004NB Datasheet HTML 8Page - NXP Semiconductors MMRF2004NB Datasheet HTML 9Page - NXP Semiconductors MMRF2004NB Datasheet HTML 10Page - NXP Semiconductors MMRF2004NB Datasheet HTML 11Page - NXP Semiconductors MMRF2004NB Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
RF Device Data
Freescale Semiconductor, Inc.
MMRF2004NBR1
TYPICAL CHARACTERISTICS
Figure 9. Intermodulation Distortion Products
versus Tone Spacing
TWO--TONE SPACING (MHz)
10
--60
0
IM3--U
--20
--30
--50
1
100
--40
IM3--L
IM5--U
IM5--L
IM7--L
IM7--U
VDD =28 Vdc,Pout = 27 W (PEP), IDQ1 =77 mA
IDQ2 = 275 mA, Two--Tone Measurements
(f1 + f2)/2 = Center Frequency of 2600 MHz
Figure 10. Output Peak--to--Average Ratio
Compression (PARC) versus Output Power
1
Pout, OUTPUT POWER (WATTS)
--1
--5
9
0
--2
1
12
15
5
35
30
25
20
15
10
--2 dB = 6.21 W
ACPR
PARC
--60
--30
--35
--40
--50
--45
--55
29
28.5
28
27.5
27
26
Gps
50
0
45
--60
--15
Pout, OUTPUT POWER (WATTS) AVG. WiMAX
TC =--40_C
85_C
10
1
40
35
30
25
20
--20
--25
--30
--35
--40
Gps
--40_C
25_C
ACPR
15
10
--45
--50
Figure 11. WiMAX, ACPR, Power Gain and
Power Added Efficiency versus Output Power
26.5
--3
--4
6
3
--1 dB = 4.01 W
--3 dB = 8.59 W
--10
5
--55
25_C
85_C
--40_C
25_C
85_C
VDD =28Vdc,IDQ1 =77mA, IDQ2 = 275 mA f = 2600 MHz, OFDM
802.16d, 64 QAM 3/4, 4 Bursts, 10 MHz Channel
Bandwidth, Input Signal PAR = 9.5 dB @ 0.01%
Probability on CCDF
VDD =28 Vdc,IDQ1 =77 mA, IDQ2 = 275 mA
f = 2600 MHz, OFDM 802.16d, 64 QAM 3/4,4 Bursts
10 MHz Channel Bandwidth, Input Signal
PAR = 9.5 dB @ 0.01% Probability on CCDF
PAE
PAE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com