Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMRF2004NB Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MMRF2004NB
Description  RF LDMOS Wideband Integrated Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF2004NB Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MMRF2004NB Datasheet HTML 7Page - NXP Semiconductors MMRF2004NB Datasheet HTML 8Page - NXP Semiconductors MMRF2004NB Datasheet HTML 9Page - NXP Semiconductors MMRF2004NB Datasheet HTML 10Page - NXP Semiconductors MMRF2004NB Datasheet HTML 11Page - NXP Semiconductors MMRF2004NB Datasheet HTML 12Page - NXP Semiconductors MMRF2004NB Datasheet HTML 13Page - NXP Semiconductors MMRF2004NB Datasheet HTML 14Page - NXP Semiconductors MMRF2004NB Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MMRF2004NBR1
11
RF Device Data
Freescale Semiconductor, Inc.
Zo =50 
Zload
f = 2700 MHz
f = 2500 MHz
Zsource
f = 2500 MHz
f = 2700 MHz
VDD =28 Vdc,IDQ1 =77 mA, IDQ2 = 275 mA, Pout =4 WAvg.
f
MHz
Zsource
Zload
2500
36.381 -- j4.271
5.717 -- j3.618
2525
36.041 -- j3.328
5.624 -- j3.187
2550
35.753 -- j2.363
5.578 -- j2.770
2575
35.516 -- j1.380
5.589 -- j2.412
2600
35.333 -- j0.381
5.586 -- j2.088
2625
35.203 + j0.635
5.579 -- j1.807
2650
35.126 + j1.664
5.552 -- j1.559
2675
35.104 + j2.707
5.564 -- j1.335
2700
35.138 + j3.760
5.568 -- j1.164
Zsource = Test circuit impedance as measured from
gate to ground.
Zload
= Test circuit impedance as measured from
drain to ground.
Figure 15. Series Equivalent Source and Load Impedance
Z source
Z load
Input
Matching
Network
Device
Under
Test
Output
Matching
Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com