Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMRF2004NB Datasheet(PDF) 3 Page - NXP Semiconductors

Part # MMRF2004NB
Description  RF LDMOS Wideband Integrated Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF2004NB Datasheet(HTML) 3 Page - NXP Semiconductors

  MMRF2004NB Datasheet HTML 1Page - NXP Semiconductors MMRF2004NB Datasheet HTML 2Page - NXP Semiconductors MMRF2004NB Datasheet HTML 3Page - NXP Semiconductors MMRF2004NB Datasheet HTML 4Page - NXP Semiconductors MMRF2004NB Datasheet HTML 5Page - NXP Semiconductors MMRF2004NB Datasheet HTML 6Page - NXP Semiconductors MMRF2004NB Datasheet HTML 7Page - NXP Semiconductors MMRF2004NB Datasheet HTML 8Page - NXP Semiconductors MMRF2004NB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MMRF2004NBR1
3
RF Device Data
Freescale Semiconductor, Inc.
Table 5. Electrical Characteristics (TA =25C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Stage 2 -- Off Characteristics
Zero Gate Voltage Drain Leakage Current
(VDS =65 Vdc, VGS =0 Vdc)
IDSS
—
—
10
Adc
Zero Gate Voltage Drain Leakage Current
(VDS =28 Vdc, VGS =0 Vdc)
IDSS
—
—
1
Adc
Gate--Source Leakage Current
(VGS =1.5 Vdc, VDS =0 Vdc)
IGSS
—
—
1
Adc
Stage 2 -- On Characteristics
Gate Threshold Voltage
(VDS =10 Vdc, ID =80 Adc)
VGS(th)
1.2
1.9
2.7
Vdc
Gate Quiescent Voltage
(VDS =28 Vdc, IDQ2 = 275 mAdc)
VGS(Q)
—
2.7
—
Vdc
Fixture Gate Quiescent Voltage
(VDD =28 Vdc, IDQ2 = 275 mAdc, Measured in Functional Test)
VGG(Q)
11
14
18
Vdc
Drain--Source On--Voltage
(VGS =10 Vdc, ID = 800 mAdc)
VDS(on)
0.15
0.47
0.8
Vdc
Stage 2 -- Dynamic Characteristics (1)
Output Capacitance
(VDS =28 Vdc  30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Coss
—
111
—
pF
Functional Tests (In Freescale Test Fixture, 50 ohm system) VDD =28 Vdc, IDQ1 =77 mA, IDQ2 = 275 mA, Pout = 4 W Avg., f = 2700 MHz,
WiMAX, OFDM 802.16d, 64 QAM 3/4, 4 Bursts, 10 MHz Channel Bandwidth, Input Signal PAR = 9.5 dB @ 0.01% Probability on CCDF. ACPR
measured in 1 MHz Channel Bandwidth @ 8.5 MHz Offset.
Power Gain
Gps
25.5
28.5
30.5
dB
Power Added Efficiency
PAE
15
17
—
%
Output Peak--to--Average Ratio @ 0.01% Probability on CCDF
PAR
—
9
—
dB
Adjacent Channel Power Ratio
ACPR
—
--50
--46
dBc
Input Return Loss
IRL
—
--15
--10
dB
Typical Performances OFDM Signal -- 10 MHz Channel Bandwidth (In Freescale Test Fixture, 50 ohm system) VDD =28 Vdc,
IDQ1 =77 mA, IDQ2 = 275 mA, Pout = 4 W Avg., f = 2700 MHz, WiMAX, OFDM 802.16d, 64 QAM 3/4, 4 Bursts, 10 MHz Channel Bandwidth,
Input Signal PAR = 9.5 dB @ 0.01% Probability on CCDF.
Relative Constellation Error (2)
RCE
—
--33
—
dB
Error Vector Magnitude (2)
EVM
—
2.2
—
%rms
1. Part internally matched both on input and output.
(continued)
2. RCE = 20Log(EVM/100)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com