Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMRF2004NB Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MMRF2004NB
Description  RF LDMOS Wideband Integrated Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF2004NB Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button MMRF2004NB Datasheet HTML 3Page - NXP Semiconductors MMRF2004NB Datasheet HTML 4Page - NXP Semiconductors MMRF2004NB Datasheet HTML 5Page - NXP Semiconductors MMRF2004NB Datasheet HTML 6Page - NXP Semiconductors MMRF2004NB Datasheet HTML 7Page - NXP Semiconductors MMRF2004NB Datasheet HTML 8Page - NXP Semiconductors MMRF2004NB Datasheet HTML 9Page - NXP Semiconductors MMRF2004NB Datasheet HTML 10Page - NXP Semiconductors MMRF2004NB Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
MMRF2004NBR1
7
RF Device Data
Freescale Semiconductor, Inc.
TYPICAL CHARACTERISTICS
2500
IRL
Gps
ACPR
f, FREQUENCY (MHz)
Figure 5. WiMAX Broadband Performance @ Pout = 4 Watts Avg.
--24
--16
--18
--20
--22
26.6
28.6
28.4
28.2
--58
18
17
16
15
--53
--54
--55
--56
28
27.8
27.4
27.2
27
26.8
2525
2550
2575
2600
2625
2650
2675 2700
14
--57
--26
PARC
--1
--0.2
--0.4
--0.6
--0.8
--1.2
27.6
--1
--0.2
--0.4
--0.6
--0.8
--1.2
IRL
Gps
ACPR
f, FREQUENCY (MHz)
Figure 6. WiMAX Broadband Performance @ Pout =26 dBm Avg.
26.6
28.6
28.4
28.2
--61
3.5
3
2.5
2
--56
--57
--58
--59
28
27.8
27.6
27.4
27.2
27
26.8
1.5
--60
--30
--10
--15
--20
--25
--35
2500 2525
2550
2575
2600
2625
2650
2675 2700
PARC
Figure 7. Power Gain versus Output Power
@IDQ1 =77 mA
100
23
30
1
IDQ2 = 412 mA
344 mA
Pout, OUTPUT POWER (WATTS) CW
VDD =28 Vdc
IDQ1 =77 mA
f = 2600 MHz
137 mA
275 mA
28
27
26
10
29
206 mA
25
24
0.1
Figure 8. Power Gain versus Output Power
@IDQ2 = 275 mA
100
23
30
1
IDQ1 = 103 mA
96 mA
Pout, OUTPUT POWER (WATTS) CW
VDD =28 Vdc
IDQ2 = 275 mA
f = 2600 MHz
28
27
26
10
29
25
24
0.1
77 mA
58 mA
39 mA
VDD =28 Vdc,Pout =4 W(Avg.), IDQ1 =77 mA, IDQ2 = 275 mA
OFDM 802.16d, 64 QAM 3/4, 4 Bursts, 10 MHz Channel
Bandwidth, Input Signal PAR = 9.5 dB @ 0.01% Probability
on CCDF
VDD =28 Vdc,Pout =26 dBm (Avg.),IDQ1 =77 mA, IDQ2 = 275 mA
OFDM 802.16d, 64 QAM 3/4, 4 Bursts, 10 MHz Channel Bandwidth
Input Signal PAR = 9.5 dB @ 0.01% Probability on CCDF
PAE
PAE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com