Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMRF2004NB Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MMRF2004NB
Description  RF LDMOS Wideband Integrated Power Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF2004NB Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MMRF2004NB Datasheet HTML 9Page - NXP Semiconductors MMRF2004NB Datasheet HTML 10Page - NXP Semiconductors MMRF2004NB Datasheet HTML 11Page - NXP Semiconductors MMRF2004NB Datasheet HTML 12Page - NXP Semiconductors MMRF2004NB Datasheet HTML 13Page - NXP Semiconductors MMRF2004NB Datasheet HTML 14Page - NXP Semiconductors MMRF2004NB Datasheet HTML 15Page - NXP Semiconductors MMRF2004NB Datasheet HTML 16Page - NXP Semiconductors MMRF2004NB Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MMRF2004NBR1
13
RF Device Data
Freescale Semiconductor, Inc.
Table 7. Common Source S--Parameters (VDD =28 V, IDQ1 =77 mA, IDQ2 = 275 mA, TA =25C, 50 Ohm System) (continued)
f
MHz
S11
S21
S12
S22
|S11|

|S21|

|S12|

|S22|

3500
0.679
--144.4
2.257
32.6
0.00265
68.5
0.974
171.0
3550
0.677
--147.9
2.054
19.2
0.00280
65.0
0.976
170.5
3600
0.661
--153.5
1.851
5.0
0.00281
67.1
0.976
170.0
3650
0.696
--153.8
1.644
--5.8
0.00328
69.3
0.976
169.6
3700
0.721
--161.3
1.453
--19.4
0.00350
65.8
0.977
169.4
3750
0.737
--168.1
1.243
--32.1
0.00357
64.5
0.978
169.2
3800
0.753
--174.7
1.042
--43.7
0.00374
64.5
0.979
169.2
3850
0.771
179.2
0.859
--54.3
0.00401
62.5
0.980
169.2
3900
0.788
174.4
0.708
--62.8
0.00407
58.4
0.980
169.3
3950
0.812
169.8
0.583
--71.5
0.00416
57.7
0.981
169.3
4000
0.829
166.0
0.477
--79.0
0.00427
55.8
0.982
169.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com