Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9577BCPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9577BCPZ-R7
Description  Clock Generator with Dual PLLs, Spread Spectrum, and Margining
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9577BCPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  AD9577BCPZ-R7 Datasheet HTML 1Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 2Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 3Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 4Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 5Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 6Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 7Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 8Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
Data Sheet
AD9577
Rev. A | Page 3 of 44
SPECIFICATIONS
Typical (typ) is given for VS = 3.3 V, TA = 25°C, unless otherwise noted. Minimum (min) and maximum (max) values are given over full
VS (3.0 V to 3.6 V) and TA (−40°C to +85°C) variation. AC coupling capacitors of 0.1 µF used where appropriate. A Fox Electronics
FX532A 25 MHz crystal is used throughout, unless otherwise stated.
PLL1 CHARACTERISTICS
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments1
NOISE CHARACTERISTICS
Phase Noise (106.25 MHz LVPECL Output)
Na = 102, Vx = 4, Dx = 6, fPFD = 25 MHz
At 1 kHz
−121
dBc/Hz
At 10 kHz
−127
dBc/Hz
At 100 kHz
−128
dBc/Hz
At 1 MHz
−150
dBc/Hz
At 10 MHz
−156
dBc/Hz
At 30 MHz
−158
dBc/Hz
Phase Noise (156.25 MHz LVPECL Output)
Na = 100, Vx = 4, Dx = 4, fPFD = 25 MHz
At 1 kHz
−117
dBc/Hz
At 10 kHz
−124
dBc/Hz
At 100 kHz
−124
dBc/Hz
At 1 MHz
−147
dBc/Hz
At 10 MHz
−156
dBc/Hz
At 30 MHz
−156
dBc/Hz
Phase Noise (625 MHz LVPECL Output)
Na = 100, Vx = 2, Dx = 2, fPFD = 25 MHz
At 1 kHz
−105
dBc/Hz
At 10 kHz
−112
dBc/Hz
At 100 kHz
−112
dBc/Hz
At 1 MHz
−135
dBc/Hz
At 10 MHz
−150
dBc/Hz
At 30 MHz
−150
dBc/Hz
Phase Noise (106.25 MHz LVDS Output)
Na = 102, Vx = 4, Dx = 6, fPFD = 25 MHz
At 1 kHz
−119
dBc/Hz
At 10 kHz
−127
dBc/Hz
At 100 kHz
−128
dBc/Hz
At 1 MHz
−148
dBc/Hz
At 10 MHz
−156
dBc/Hz
At 30 MHz
−156
dBc/Hz
Phase Noise (156.25 MHz LVDS Output)
Na = 100, Vx = 4, Dx = 4, fPFD = 25 MHz
At 1 kHz
−116
dBc/Hz
At 10 kHz
−124
dBc/Hz
At 100 kHz
−124
dBc/Hz
At 1 MHz
−145
dBc/Hz
At 10 MHz
−155
dBc/Hz
At 30 MHz
−155
dBc/Hz
Phase Noise (625 MHz LVDS Output)
Na = 100, Vx = 2, Dx = 2, fPFD = 25 MHz
At 1 kHz
−104
dBc/Hz
At 10 kHz
−111
dBc/Hz
At 100 kHz
−112
dBc/Hz
At 1 MHz
−134
dBc/Hz
At 10 MHz
−149
dBc/Hz
At 30 MHz
−149
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com