Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9577BCPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9577BCPZ-R7
Description  Clock Generator with Dual PLLs, Spread Spectrum, and Margining
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9577BCPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9577BCPZ-R7 Datasheet HTML 19Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 20Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 21Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 22Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 23Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 24Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 25Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 26Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
Data Sheet
AD9577
Rev. A | Page 23 of 44
2.5
3.5
3.4
3.3
3.2
3.1
3.0
2.9
2.8
2.7
2.6
0200
180
160
140
120
100
80
60
40
20
FREQUENCY (MHz)
0.5pF LOAD
5.2pF LOAD
10.5pF LOAD
Figure 26. CMOS Single-Ended, Peak-to-Peak Output Swing vs. Frequency,
for Loads of 0.5 pF, 5.2 pF, and 10.5 pF, Measured with a Tektronix P7313
Active Probe
1.8
1.2
1.3
1.4
1.5
1.6
1.7
0
100
200
300
400
500
600
FREQUENCY (MHz)
Figure 27. LVPECL Differential, Peak-to-Peak Output Swing vs. Frequency
900
400
500
600
700
800
0
100
200
300
400
500
600
FREQUENCY (MHz)
Figure 28. LVDS Differential, Peak-to-Peak Output Swing vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com