Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9577BCPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9577BCPZ-R7
Description  Clock Generator with Dual PLLs, Spread Spectrum, and Margining
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9577BCPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9577BCPZ-R7 Datasheet HTML 20Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 21Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 22Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 23Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 24Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 25Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 26Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 27Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
AD9577
Data Sheet
Rev. A | Page 24 of 44
TYPICAL SPREAD SPECTRUM PERFORMANCE CHARACTERISTICS
100.1
100.0
99.4
99.5
99.6
99.7
99.8
99.9
TIME (10µs/DIV)
Figure 29. Typical Spread Spectrum Frequency Modulation Profile OUT2,
Nb = 96, FRAC = 0, MOD = 1000, CkDiv = 7, NumSteps = 59, FracStep = −8,
fOUT = 100 MHz with −0.5% Downspread at 30.2 kHz, MAX_BW set to 0
10
0
–10
–20
–80
–70
–60
–50
–40
–30
99.00
100.50
100.25
100.00
99.75
99.50
99.25
FREQUENCY (MHz)
UNMODULATED
CLOCK SPECTRUM
MODULATED
CLOCK
Figure 30. Typical Nonspread and Spread Spectrum Power Spectra, OUT2,
Nb = 96, FRAC = 0, MOD = 1000, CkDiv = 7, NumSteps = 59, FracStep = −8,
fOUT = 100 MHz with −0.5% Downspread at 30.2 kHz, MAX_BW set to 0,
First Harmonic Shown, Spectrum Analyzer Resolution Bandwidth =10 kHz,
Maximum Hold On
0
–10
–20
–90
–80
–70
–60
–50
–40
–30
695
701
699
697
FREQUENCY (MHz)
Figure 31. Typical Nonspread and Spread Spectrum Power Spectra, OUT2,
Nb = 96, FRAC = 0, MOD = 1000, CkDiv = 7, NumSteps = 59, FracStep = −8,
fOUT = 100 MHz with −0.5% Downspread at 30.2 kHz, MAX_BW set to 0,
Seventh Harmonic Shown, Spectrum Analyzer Resolution Bandwidth =
120 kHz, Maximum Hold On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com