Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9577BCPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9577BCPZ-R7
Description  Clock Generator with Dual PLLs, Spread Spectrum, and Margining
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9577BCPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9577BCPZ-R7 Datasheet HTML 9Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 10Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 11Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 12Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 13Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 14Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 15Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 16Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
Data Sheet
AD9577
Rev. A | Page 13 of 44
CLOCK OUTPUTS
AC coupling capacitors of 0.1 µF used where appropriate.
Table 8.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL CLOCK OUTPUTS
Output Frequency
637.5
MHz
Load is 200 Ω to GND at output pins, then
ac-coupled to 50 Ω terminated measurement
equipment.
Output Voltage Swing, VOD
610
740
950
mV
Load is 200 Ω to GND at output pins, then
ac-coupled to 50 Ω terminated measurement
equipment. For differential amplitude, see
Figure 2.
Duty Cycle
45
55
%
Load is 200 Ω to GND at output pins, then
ac-coupled to 50 Ω terminated measurement
equipment.
Output High Voltage, VOH
VS − 1.24
VS − 0.94
VS − 0.83
V
Load is 127 Ω/83 Ω potential divider across
supply dc-coupled into 1 MΩ terminated
measurement equipment, outputs static.
Output Low Voltage, VOL
VS − 2.07
VS − 1.75
VS − 1.62
V
Load is 127 Ω/83 Ω potential divider across
supply dc-coupled into 1 MΩ terminated
measurement equipment, outputs static.
LVDS CLOCK OUTPUTS
Output Frequency
637.5
MHz
Load is ac-coupled to measurement
equipment that provides 100 Ω differential
input termination.
Differential Output Voltage, VOD
250
350
475
mV
Load is ac-coupled to measurement
equipment that provides 100 Ω differential
input termination. For differential amplitude,
see Figure 3.
Delta VOD
25
mV
Load is ac-coupled to measurement
equipment that provides 100 Ω differential
input termination.
Duty Cycle
45
55
%
Load is ac-coupled to measurement
equipment that provides 100 Ω differential
input termination.
Output Offset Voltage, VOS
1.125
1.25
1.375
V
Load is dc-coupled to a 100 Ω differential
resistor into 1 MΩ terminated measurement
equipment, outputs static.
Delta VOS
25
mV
Load is dc-coupled to a 100 Ω differential
resistor into 1 MΩ terminated measurement
equipment, outputs static.
Short-Circuit Current, ISA, ISB
13
24
mA
Load is dc-coupled to a 100 Ω differential
resistor into 1 MΩ terminated measurement
equipment, output shorted to GND.
CMOS CLOCK OUTPUTS
Output Frequency
200
MHz
Output High Voltage, VOH
VS − 0.15
V
Sourcing 1.0 mA current, outputs static.
Output Low Voltage, VOL
0.1
V
Sinking 1.0 mA current, outputs static.
Duty Cycle
45
55
%
Termination is high impedance active probe;
total CLOAD = 5 pF, RLOAD = 20 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com