Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9577BCPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9577BCPZ-R7
Description  Clock Generator with Dual PLLs, Spread Spectrum, and Margining
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9577BCPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9577BCPZ-R7 Datasheet HTML 2Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 3Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 4Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 5Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 6Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 7Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 8Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 9Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
AD9577
Data Sheet
Rev. A | Page 6 of 44
PLL2 FRACTIONAL-N MODE CHARACTERISTICS
Table 3. Bleed = 1
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments1
NOISE CHARACTERISTICS
25 MHz crystal used
Phase Noise (155.52 MHz LVPECL Output)
Nb = 87, FRAC = 57, MOD = 625, Vx = 2, Dx = 7
At 1 kHz
−107
dBc/Hz
At 10 kHz
−115
dBc/Hz
At 100 kHz
−122
dBc/Hz
At 1 MHz
−146
dBc/Hz
At 10 MHz
−153
dBc/Hz
At 30 MHz
−152
dBc/Hz
Phase Noise (622.08 MHz LVPECL Output)
Nb = 99, FRAC = 333, MOD = 625, Vx = 2, Dx = 2
At 1 kHz
−95
dBc/Hz
At 10 kHz
−103
dBc/Hz
At 100 kHz
−109
dBc/Hz
At 1 MHz
−133
dBc/Hz
At 10 MHz
−148
dBc/Hz
At 30 MHz
−150
dBc/Hz
Phase Noise (155.52 MHz LVDS Output)
Nb = 87, FRAC = 57, MOD = 625, Vx = 2, Dx = 7
At 1 kHz
−107
dBc/Hz
At 10 kHz
−114
dBc/Hz
At 100 kHz
−122
dBc/Hz
At 1 MHz
−145
dBc/Hz
At 10 MHz
−154
dBc/Hz
At 30 MHz
−154
dBc/Hz
Phase Noise (622.08 MHz LVDS Output)
Nb = 99, FRAC = 333, MOD = 625, Vx = 2, Dx = 2
At 1 kHz
−95
dBc/Hz
At 10 kHz
−103
dBc/Hz
At 100 kHz
−109
dBc/Hz
At 1 MHz
−132
dBc/Hz
At 10 MHz
−147
dBc/Hz
At 30 MHz
−149
dBc/Hz
Phase Noise (155.52 MHz CMOS Output)
Nb = 87, FRAC = 57, MOD = 625, Vx = 2, Dx = 7
At 1 kHz
−107
dBc/Hz
At 10 kHz
−114
dBc/Hz
At 100 kHz
−122
dBc/Hz
At 1 MHz
−146
dBc/Hz
At 10 MHz
−154
dBc/Hz
At 30 MHz
−154
dBc/Hz
SPREAD SPECTRUM
Modulation Range
+0.1
−0.5
%
Downspread, triangle modulation profile
Modulation Frequency
31.25
kHz
Programmable
Peak Power Reduction
10
dB
First harmonic of 100 MHz output, triangle modulation
profile, spectrum analyzer resolution bandwidth = 20 kHz
1 x indicates either 2 or 3 for any given test condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com