Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9577BCPZ-R7 Datasheet(PDF) 42 Page - Analog Devices

Part # AD9577BCPZ-R7
Description  Clock Generator with Dual PLLs, Spread Spectrum, and Margining
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9577BCPZ-R7 Datasheet(HTML) 42 Page - Analog Devices

Back Button AD9577BCPZ-R7 Datasheet HTML 36Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 37Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 38Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 39Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 40Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 41Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 42Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 43Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
AD9577
Data Sheet
Rev. A | Page 42 of 44
TYPICAL APPLICATION CIRCUITS
100Ω DIFFERENTIAL
TRANSMISSION LINE
1
10
VSCA
VSI2C
REFOUT
VSREFOUT
VSX
REFCLK
XT2
XT1
REFSEL
VSCB
30
21
OUT3P
VSFB
VSM
SSCG
VSFA
OUT1N
OUT1P
VSOB1A
OUT3N
VSOB3B
AD9577
22pF
22pF
CD
CD
VS
VS
VS
VS
VS
VS
VS
VS
CD
CD
220nF
CD
CD
RT = 100Ω
RT = 100Ω
100Ω DIFFERENTIAL
TRANSMISSION LINE
RT = 100Ω
RT = 100Ω
VS
VS
VS
VS
VS
DO NOT CONNECT OTHER TRACES
TO PIN 15, PIN 16, PIN 35, AND PIN 36.
CAPACITORS CD CONSIST OF
100nF IN PARALLEL WITH 10nF.
10kΩ
VS
10kΩ
VS
CD
CD
Figure 49. Typical LVDS Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com