Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9577BCPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9577BCPZ-R7
Description  Clock Generator with Dual PLLs, Spread Spectrum, and Margining
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9577BCPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9577BCPZ-R7 Datasheet HTML 17Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 18Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 19Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 20Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 21Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 22Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 23Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 24Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Data Sheet
AD9577
Rev. A | Page 21 of 44
OUTPUT JITTER
480
475
470
465
460
455
450
445
440
435
430
86 87 88 89 90 91 92 93 94 95 96 97 98 99
101
100
102
Na
Figure 18. Typical Integrated Random Phase Jitter in fs rms for PLL1 and
OUT0P LVPECL as Feedback Divider Value Na Swept (fXTAL = 25 MHz, V0 = 5,
D0 = 5)
500
440
490
480
470
460
450
Nb
85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103
Figure 19. Typical Integrated Random Phase Jitter in fs rms for PLL2 and
OUT2P LVPECL as Feedback Divider Value Nb Swept
(fXTAL = 25 MHz, V2 = 5, D2 = 5, Integer-N Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com