Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9577BCPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9577BCPZ-R7
Description  Clock Generator with Dual PLLs, Spread Spectrum, and Margining
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9577BCPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9577BCPZ-R7 Datasheet HTML 5Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 6Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 7Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 8Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 9Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 10Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 11Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 12Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Data Sheet
AD9577
Rev. A | Page 9 of 44
PLL2 CLOCK OUTPUT JITTER
Table 5. Bleed = 0 for Integer-N Mode, Bleed = 1 for Fractional-N Mode
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments2
LVPECL INTEGRATED RANDOM PHASE JITTER
25 MHz crystal used
RMS Jitter (622.08 MHz Output)
660
1200
fs rms
12 kHz to 20 MHz, fractional-N operation,
Nb = 99, FRAC = 333, MOD = 625, Vx = 2,
Dx = 2
500
900
fs rms
50 kHz to 80 MHz, fractional-N operation,
Nb = 99, FRAC = 333, MOD = 625, Vx = 2,
Dx = 2
RMS Jitter (625 MHz Output)
470
800
fs rms
12 kHz to 20 MHz, integer-N operation,
Nb = 100, Vx = 2, Dx = 2
380
650
fs rms
50 kHz to 80 MHz, integer-N operation,
Nb = 100, Vx = 2, Dx = 2
RMS Jitter (155.52 MHz Output)
630
1100
fs rms
12 kHz to 20 MHz, fractional-N operation,
Nb = 87, FRAC = 57, MOD = 625, Vx = 2,
Dx = 7
RMS Jitter (156.25 MHz Output)
470
800
fs rms
12 kHz to 20 MHz, integer-N operation,
Nb = 100, Vx = 4, Dx = 4
LVDS INTEGRATED RANDOM PHASE JITTER
25 MHz crystal used
RMS Jitter (622.08 MHz Output)
660
1200
fs rms
12kHz to 20 MHz, fractional-N operation,
Nb = 99, FRAC = 333, MOD = 625, Vx = 2,
Dx = 2
510
900
fs rms
50 kHz to 80 MHz, fractional-N operation,
Nb = 99, FRAC = 333, MOD = 625, Vx = 2,
Dx = 2
RMS Jitter (625 MHz Output)
470
820
fs rms
12 kHz to 20 MHz, integer-N operation,
Nb = 100, Vx = 2, Dx = 2
380
650
fs rms
50 kHz to 80 MHz, integer-N operation,
Nb = 100, Vx = 2, Dx = 2
RMS Jitter (155.52 MHz Output)
620
1100
fs rms
12 kHz to 20 MHz, fractional-N operation,
Nb = 87, FRAC = 57, MOD = 625, Vx = 2,
Dx = 7
RMS Jitter (156.25 MHz Output)
480
800
fs rms
12 kHz to 20 MHz, integer-N operation,
Nb = 100, Vx = 4, Dx = 4
CMOS INTEGRATED RANDOM PHASE JITTER
25 MHz crystal used, 50 Ω load
RMS Jitter (155.52 MHz Output)
630
1100
fs rms
12 kHz to 20 MHz, fractional-N operation,
Nb = 87, FRAC = 57, MOD = 625, Vx = 2,
Dx = 7
RMS Jitter (100 MHz Output)
490
800
fs rms
12 kHz to 20 MHz, integer-N operation,
Nb = 96, Vx = 4, Dx = 6
RMS Jitter (33.33 MHz Output)
450
700
fs rms
12 kHz to 5 MHz, integer-N operation,
Nb = 88, Vx = 6, Dx = 11
LVPECL INTEGRATED RANDOM PHASE JITTER
19.44 MHz crystal used
RMS Jitter (622.08 MHz Output)
510
800
fs rms
12 kHz to 20 MHz, integer-N operation,
Nb = 128, Vx = 2, Dx = 2
380
650
fs rms
50 kHz to 80 MHz, integer-N operation,
Nb = 128, Vx = 2, Dx = 2
RMS Jitter (155.52 MHz Output)
470
800
fs rms
12 kHz to 20 MHz, integer-N operation,
Nb = 112, Vx = 2, Dx = 7
LVDS INTEGRATED RANDOM PHASE JITTER
19.44 MHz crystal used
RMS Jitter (622.08 MHz Output)
530
900
fs rms
12 kHz to 20 MHz, integer-N operation,
Nb = 128, Vx = 2, Dx = 2
390
700
fs rms
50 kHz to 80 MHz, integer-N operation,
Nb = 128, Vx = 2, Dx = 2
RMS Jitter (155.52 MHz Output)
480
750
fs rms
12 kHz to 20 MHz, integer-N operation,
Nb = 112, Vx = 2, Dx = 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com