Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9577BCPZ-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # AD9577BCPZ-R7
Description  Clock Generator with Dual PLLs, Spread Spectrum, and Margining
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9577BCPZ-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9577BCPZ-R7 Datasheet HTML 33Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 34Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 35Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 36Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 37Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 38Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 39Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 40Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
Data Sheet
AD9577
Rev. A | Page 37 of 44
MAX_BW
The normal bandwidth of PLL2 is 50 kHz. This low bandwidth
is required to filter the SDM phase noise. When SSCG is activated,
the bandwidth is increased to 125 kHz. There is a trade-off in
setting the PLL bandwidth between allowing the triangular-wave
modulation (that is, its higher order harmonics) to pass through
the PLL unattenuated and passing more SDM phase noise through
to the PLL output. Bringing the MAX_BW pin high changes the
PLL bandwidth to 250 kHz from its default value of 125 kHz
during SSCG operation. Increasing the PLL bandwidth results
in more SDM phase noise being passed unfiltered through to the
PLL output, but more of the triangular-wave harmonics are also
passed through, improving the triangular-wave accuracy.
Table 29. Register Values for SSCG Example
Parameter
Register Name
Range
Value (Decimal)
Value(Binary)
NumSteps
BS2[7:0], BS3[7]
+1 to +511
+45
00101101
FracStep
BS1[7:0]
−128 to 0
−7
11111001
CkDiv
BS3[6:0]
+2 to +127
+9
0001001
FRAC
BF0[7:0], BF1[7:4]
0 to +4094
+198
000011000110
MOD
BF1[3:0], BF2[7:0]
0 to +4095
+625
001001110001
Nb
BF3[5:0]
0 to +63
80 + 20 = 100
010100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com