Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9577BCPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9577BCPZ-R7
Description  Clock Generator with Dual PLLs, Spread Spectrum, and Margining
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9577BCPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD9577BCPZ-R7 Datasheet HTML 1Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 2Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 3Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 4Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 5Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 6Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 7Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 8Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
Clock Generator with Dual PLLs,
Spread Spectrum, and Margining
Data Sheet
AD9577
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevices for itsuse,nor foranyinfringementsofpatentsor other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2011–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Fully integrated dual PLL/VCO cores
1 integer-N and 1 fractional-N PLL
Continuous frequency coverage from 11.2 MHz to 200 MHz
Most frequencies from 200 MHz to 637.5 MHz available
PLL1 phase jitter (12 kHz to 20 MHz): 460 fs rms typical
PLL2 phase jitter (12 kHz to 20 MHz)
Integer-N mode: 470 fs rms typical
Fractional-N mode: 660 fs rms typical
Input crystal or reference clock frequency
Optional reference frequency divide-by-2
I2C programmable output frequencies
Up to 4 LVDS/LVPECL or up to 8 LVCMOS output clocks
1 CMOS buffered reference clock output
Spread spectrum: downspread [0, −0.5]%
2 pin-controlled frequency maps: margining
Integrated loop filters
Space saving, 6 mm × 6 mm, 40-lead LFCSP package
1.02 W power dissipation (LVDS operation)
1.235 W power dissipation (LVPECL operation)
3.3 V operation
APPLICATIONS
Low jitter, low phase noise multioutput clock generator for
data communications applications including Ethernet,
Fibre Channel, SONET, SDH, PCI-e, SATA, PTN, OTN,
ADC/DAC, and digital video
Spread spectrum clocking
GENERAL DESCRIPTION
The AD9577 provides a multioutput clock generator function,
along with two on-chip phase-locked loop cores, PLL1 and PLL2,
optimized for network clocking applications. The PLL designs
are based on the Analog Devices, Inc., proven portfolio of high
performance, low jitter frequency synthesizers to maximize
network performance. The PLLs have I2C programmable output
frequencies and formats. The fractional-N PLL can support
spread spectrum clocking for reduced EMI radiated peak power.
Both PLLs can support frequency margining. Other applications
with demanding phase noise and jitter requirements can benefit
from this part.
The first integer-N PLL section (PLL1) consists of a low noise phase
frequency detector (PFD), a precision charge pump (CP), a low
phase noise voltage controlled oscillator (VCO), a programmable
FUNCTIONAL BLOCK DIAGRAM
XTAL
OSC
REFCLK
XT1
XT2
MARGIN
REFSEL
CMOS
AD9577
DIVIDE
1 OR 2
VCO
2.15GHz
TO
2.55GHz
LDO
FEEDBACK
DIVIDER
LVPECL/LVDS
REFOUT
OR 2 × CMOS
LVPECL/LVDS
OR 2 × CMOS
PLL1
VCO
2.15GHz
TO
2.55GHz
LDO
FEEDBACK
DIVIDER
LVPECL/LVDS
OR 2 × CMOS
LVPECL/LVDS
OR 2 × CMOS
PLL2
SCL
SDA
I2C
CONTROL
SSCG
MAX_BW
SPREAD SPECTRUM,
SDM
Figure 1.
feedback divider, and two independently programmable output
dividers. By connecting an external crystal or applying a reference
clock to the REFCLK pin, frequencies of up to 637.5 MHz can
be synchronized to the input reference. Each output divider and
feedback divider ratio is I2C programmed for the required
output rates.
A second fractional-N PLL (PLL2) with a programmable modulus
allows VCO frequencies that are fractional multiples of the
reference frequency to be synthesized. Each output divider
and feedback divider ratio can be programmed for the required
output rates, up to 637.5 MHz. This fractional-N PLL can also
operate in integer-N mode for the lowest jitter.
Up to four differential output clock signals can be configured
as either LVPECL or LVDS signaling formats. Alternatively,
the outputs can be configured for up to eight CMOS outputs.
Combinations of these formats are supported. No external loop
filter components are required, thus conserving valuable design
time and board space. The AD9577 is available in a 40-lead, 6 mm ×
6 mm LFCSP package and can operate from a single 3.3 V supply.
The operating temperature range is −40°C to +85°C.


Similar Part No. - AD9577BCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9577BCPZ-R7 AD-AD9577BCPZ-R7 Datasheet
672Kb / 44P
Clock Generator with Dual PLLs
REV. 0
More results

Similar Description - AD9577BCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
Spread Spectrum Clock Generator
logo
fujitsu semiconductor
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
Spread Spectrum Clock Generator
MB88154 FUJITSU-MB88154 Datasheet
151Kb / 18P
Spread Spectrum Clock Generator
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
Spread Spectrum Clock Generator
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
Spread Spectrum Clock Generator
logo
fujitsu semiconductor
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
SPREAD SPECTRUM CLOCK GENERATOR
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com