Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9577BCPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9577BCPZ-R7
Description  Clock Generator with Dual PLLs, Spread Spectrum, and Margining
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9577BCPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9577BCPZ-R7 Datasheet HTML 15Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 16Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 17Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 18Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 19Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 20Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 21Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 22Page - Analog Devices AD9577BCPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
Data Sheet
AD9577
Rev. A | Page 19 of 44
TYPICAL PERFORMANCE CHARACTERISTICS
REFOUT AND PLL1 PHASE NOISE PERFORMANCE
–100
–160
–150
–140
–130
–120
–110
1k
10k
100k
1M
100M
10M
FREQUENCY (Hz)
Figure 6. Phase Noise, REFOUT Output, 25 MHz (fXTAL = 25 MHz)
–100
–160
–150
–140
–130
–120
–110
1k
10k
100k
1M
100M
10M
FREQUENCY (Hz)
Figure 7. Phase Noise, PLL1, OUT0 LVPECL, 106.25 MHz, Integer-N Mode
(fXTAL = 25 MHz, Na = 102, V0 = 4, D0 = 6)
–80
–90
–100
–170
–160
–150
–140
–130
–120
–110
1k
10k
100k
1M
100M
10M
FREQUENCY (Hz)
Figure 8. Phase Noise, PLL1, OUT0 LVPECL, 156.25 MHz Integer-N Mode
(fXTAL = 25 MHz, Na = 100, V0 = 4, D0 = 4)
–100
–160
–150
–140
–130
–120
–110
1k
10k
100k
1M
100M
10M
FREQUENCY (Hz)
Figure 9. Phase Noise, PLL1, OUT0 LVPECL, 100 MHz, Integer-N Mode
(fXTAL = 25 MHz, Na = 100, V0 = 5, D0 = 5)
–100
–160
–150
–140
–130
–120
–110
1k
10k
100k
1M
100M
10M
FREQUENCY (Hz)
Figure 10. Phase Noise, PLL1, OUT0 LVPECL, 125 MHz, Integer-N Mode
(fXTAL = 25 MHz, Na = 100, V0 = 4, D0 = 5)
–80
–90
–100
–170
–160
–150
–140
–130
–120
–110
1k
10k
100k
1M
100M
10M
FREQUENCY (Hz)
Figure 11. Phase Noise, PLL1, OUT0 LVPECL, 625 MHz, Integer-N Mode
(fXTAL = 25 MHz, Na = 100, V0 = 2, D0 = 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com