Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R16 Datasheet(PDF) 103 Page - Omron Electronics LLC

Part # E32-R16
Description  An Extensive Selection of Fiber-Optic Cables
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R16 Datasheet(HTML) 103 Page - Omron Electronics LLC

Back Button E32-R16 Datasheet HTML 99Page - Omron Electronics LLC E32-R16 Datasheet HTML 100Page - Omron Electronics LLC E32-R16 Datasheet HTML 101Page - Omron Electronics LLC E32-R16 Datasheet HTML 102Page - Omron Electronics LLC E32-R16 Datasheet HTML 103Page - Omron Electronics LLC E32-R16 Datasheet HTML 104Page - Omron Electronics LLC E32-R16 Datasheet HTML 105Page - Omron Electronics LLC E32-R16 Datasheet HTML 106Page - Omron Electronics LLC E32-R16 Datasheet HTML 107Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 108 page
background image
E32
E32
104
J
DIFFUSE TYPE (CONT.)
Convergent Type
E32-L25
Note:
The fiber for the light source is
identified by a white line.
5
4.8
4
White line
Optical fiber, two, 2.2 dia.
Two, 3.2 dia.,
6 dia. spot facing
Sensing head (ABS)
2 m (6.56 ft.)
20 (0.79)
6.5 (0.26)
6.5
20
(0.79)
10
(0.39)
E32-L25A
5
10
4
4.8
Two, 3.2 dia.,
6 dia. spot facing
White line
Optical fiber, two,
2.2 dia.
Sensing head
(ABS)
6.5
(0.26)
2m
(6.56 ft.)
20 (0.79)
20
(0.79)
6.5
(0.26)
E32-L25L
4
Sensing head
(PC)
Two, 3.2 dia, 6 dia.
counter sinking
Two, 1 dia. optical fibers
Two fiber attachment
(E39-F9)
2m (6.56 ft.)
18 (0.71)
16
(0.63)
6.5 (0.26)
10
(0.39)
25
(0.98)
6 (0.24)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com