Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R16 Datasheet(PDF) 105 Page - Omron Electronics LLC

Part # E32-R16
Description  An Extensive Selection of Fiber-Optic Cables
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R16 Datasheet(HTML) 105 Page - Omron Electronics LLC

Back Button E32-R16 Datasheet HTML 100Page - Omron Electronics LLC E32-R16 Datasheet HTML 101Page - Omron Electronics LLC E32-R16 Datasheet HTML 102Page - Omron Electronics LLC E32-R16 Datasheet HTML 103Page - Omron Electronics LLC E32-R16 Datasheet HTML 104Page - Omron Electronics LLC E32-R16 Datasheet HTML 105Page - Omron Electronics LLC E32-R16 Datasheet HTML 106Page - Omron Electronics LLC E32-R16 Datasheet HTML 107Page - Omron Electronics LLC E32-R16 Datasheet HTML 108Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 105 / 108 page
background image
E32
E32
106
Installation
J
SENSING HEAD
Mounting Sensing Head in a Panel
Prepare a hole in the panel that can accommodate the threaded
cylindrical sensing head. Be sure to place the washer in front of
the mounting nut before inserting the sensing head through the
hole. Tighten the front mounting nut using no more than the
maximum torque recommended in the table.
Spring mountingclip
Toothed washers
Nuts
(attachment)
Mounting Sensing Head in a Channel
Insert the sensing head at the desired location in the channel as
shown in the illustration, then use a set screw to fasten the head
in place. Apply no more than 2.6 in-lb of force in tightening the
set screw.
Retaining screw
(M 3 max.)
Tightening Torque
Use a proper-sized
wrench and do not
exceed the torque
recommended for the
sensing head.
Sensing heads
Maximum torque
M3 and M4 threads
M6 threads
6.88 in-lb
8.66 in-lb
2 mm dia., no thread
3 mm dia., no thread
2.6 in-lb
2.6 in-lb
E32-D14L
E32-T12F
8.66 in-lb
6.88 in-lb
E32-D12F
E32-T16
6.88 in-lb
4.33 in-lb
E32-R21
E32-M21
E32-L25A
5.2 in-lb
4.33 in-lb
6.88 in-lb
J
CUTTING FIBER
Insert a fiber into the Fiber and determine the length of the fiber
to be cut.
Press down the Fiber Cutter in a single stroke to cut the fiber.
When the fiber is cut, an insertion mark is inscribed on the fiber.
12.6
Insertion mark
2.2-dia.
For a 2.2-mm dia. standard fiber only.
Insert a fiber into the Fiber Cutter in the direction indicated by the
arrow (refer to the following figure).
1
2
The cutting holes cannot be used twice. If the same hole is used
twice, the cutting face of the fiber will be rough and the sensing
distance will be reduced. Always use an unused hole.
Use either one of the two holes on the right (refer to the following
figure) to cut a thin fiber as follows:
1. An attachment is temporarily fitted to a thin fiber before
shipment.
Temporarily fitted
2. Secure the attachment after adjusting the position of it in the
direction indicated by the arrow.
3. Insert the fiber into the E39-F4 to cut.
Three holes for
standard fiber
(2.2 mm dia.)
Cutter E39-F4
Two holes for
thin fiber
Note: Insert the fiber in the direction indicated by the arrow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com