Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R16 Datasheet(PDF) 106 Page - Omron Electronics LLC

Part # E32-R16
Description  An Extensive Selection of Fiber-Optic Cables
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R16 Datasheet(HTML) 106 Page - Omron Electronics LLC

Back Button E32-R16 Datasheet HTML 100Page - Omron Electronics LLC E32-R16 Datasheet HTML 101Page - Omron Electronics LLC E32-R16 Datasheet HTML 102Page - Omron Electronics LLC E32-R16 Datasheet HTML 103Page - Omron Electronics LLC E32-R16 Datasheet HTML 104Page - Omron Electronics LLC E32-R16 Datasheet HTML 105Page - Omron Electronics LLC E32-R16 Datasheet HTML 106Page - Omron Electronics LLC E32-R16 Datasheet HTML 107Page - Omron Electronics LLC E32-R16 Datasheet HTML 108Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 106 / 108 page
background image
E32
E32
107
J
FIBER UNITS WITH 90° BEND IN
STAINLESS STEEL PROBE
Applicable Models
E32-TC200B/TC200F/DC200F
Appearance
Stainless Steel Probe with a 90° Bend at the Tip
R
Length
ℓ1
Bending radius
ℓ1 (+1)
R5.0
10.0 mm
15.0 mm
R7.5
12.5 mm
17.5 mm
R 10.0
15.0 mm
20.0 mm
R 12.5
17.5 mm
22.5 mm
The length overall is 120 mm max.
Note: If larger ℓ1 is required, use the E39-F11 Sleeve Bender.
Stainless Steel Probe with a 90° Bend at the Base
R
Length
ℓ2
Bending radius
ℓ1 (+1)
R5.0
5.0 mm
10.0 mm
R7.5
7.5 mm
17.5 mm
R 10.0
10.0 mm
20.0 mm
R 12.5
12.5 mm
22.5 mm
The length overall is 120 mm max.
Note: If larger ℓ2 is required, use the E39-F11 Sleeve Bender.
J
BENDING RADIUS
E39-F11 Sleeve Bender
The bending radius of the stainless probe should be as large as
possible. The smaller the bending radius becomes, the shorter
the sensing distance will be.
Insert the tip of the stainless probe to the Sleeve Bender and
bend the stainless probe slowly along the curve of the Sleeve
Bender (refer to the figure).
Fiber tip position mark
Do not bend here.
1.2 dia.
max.
1.3 dia.
min.
1.2 dia.
max.
R 12.5
R7.5
R10
R5
Stainlessprobe
90o max.
10
10
Sensing Distance for Probes with 90° Bends
Part number
Amplifier
Bending radius
Part number
Amplifier
Standard
R5.0
R7.5
R10.0
R12.5
E32-TC200B
E3X-H11
400 mm
260 mm
330 mm
360 mm
400 mm
E32 TC200B
E3X-Ajj
180 mm
110 mm
140 mm
160 mm
180 mm
E32-TC200F
E3X-H11
100 mm
55 mm
100 mm
100 mm
100 mm
E32 TC200F
E3X-Ajj
50 mm
30 mm
50 mm
50 mm
50 mm
E32-DC200F
E3X-H11
36 mm
30 mm
36 mm
36 mm
36 mm
E32 DC200F
E3X-Ajj
18 mm
10 mm
18 mm
18 mm
18 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com