Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R16 Datasheet(PDF) 108 Page - Omron Electronics LLC

Part # E32-R16
Description  An Extensive Selection of Fiber-Optic Cables
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R16 Datasheet(HTML) 108 Page - Omron Electronics LLC

Back Button E32-R16 Datasheet HTML 100Page - Omron Electronics LLC E32-R16 Datasheet HTML 101Page - Omron Electronics LLC E32-R16 Datasheet HTML 102Page - Omron Electronics LLC E32-R16 Datasheet HTML 103Page - Omron Electronics LLC E32-R16 Datasheet HTML 104Page - Omron Electronics LLC E32-R16 Datasheet HTML 105Page - Omron Electronics LLC E32-R16 Datasheet HTML 106Page - Omron Electronics LLC E32-R16 Datasheet HTML 107Page - Omron Electronics LLC E32-R16 Datasheet HTML 108Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 108 / 108 page
background image
E32
E32
J
SPECIAL HANDLING
E32-D51/-T51 Heat-Resistant Fiber
The bending radius of the fibers should be 35 mm min.
Connecting fibers via the E39-F10 Fiber Connector is not
possible.
The withstand temperature of the Heat-Resistant Fibers is 150°C
max. In continuous operation, the ambient temperature should be
130°Cmax.
E32-T14/-T51
If the sensor is ON because some object in front of the lenses
reflects light, attach the black seals (sold together) to the lenses.
E32-T14/-G14
Seal
E32-L25 (A) Wafer Sensor
Insert the fiber with a white line into the light projection side of the
Amplifier.
The tightening force of the sensor head is 8 kgf S cm (0.75 N S m).
Avoid places where water could be sprayed onto the E32-L25(A).
E32-T16 Slit Seal (Attachment)
Peel the E32-T16 Slit Seal off the ground paper and affix the Slit
Seal to the sensing face of the sensor so that the corners of the
Slit Seal fit in with the corners of the sensing face. To sense an
object at a distance of 30 cm max., a 0.5-mm wide Slit Seal must
be used.
E32-T16 Sensing Head
Attachment slit
Cat. No. CEDSAX4
11/01
Specifications subject to change without notice.
Printed in U.S.A.
OMRON ELECTRONICS LLC
One East Commerce Drive
Schaumburg, IL 60173
NOTE: DIMENSIONS SHOWN ARE IN MILLIMETERS. To convert millimeters to inches divide by 25.4.
1-800-55-OMRON
OMRON CANADA, INC.
885 Milner Avenue
Scarborough, Ontario M1B 5V8
416-286-6465
R
OMRON ON--LINE
Global -- http://www.omron.com
USA -- http://www.omron.com/oei
Canada -- http://www.omron.com/oci



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com