Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E32-R16 Datasheet(PDF) 107 Page - Omron Electronics LLC

Part # E32-R16
Description  An Extensive Selection of Fiber-Optic Cables
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-R16 Datasheet(HTML) 107 Page - Omron Electronics LLC

Back Button E32-R16 Datasheet HTML 100Page - Omron Electronics LLC E32-R16 Datasheet HTML 101Page - Omron Electronics LLC E32-R16 Datasheet HTML 102Page - Omron Electronics LLC E32-R16 Datasheet HTML 103Page - Omron Electronics LLC E32-R16 Datasheet HTML 104Page - Omron Electronics LLC E32-R16 Datasheet HTML 105Page - Omron Electronics LLC E32-R16 Datasheet HTML 106Page - Omron Electronics LLC E32-R16 Datasheet HTML 107Page - Omron Electronics LLC E32-R16 Datasheet HTML 108Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 107 / 108 page
background image
E32
E32
108
J
INSTALLING FIBER CABLES
Bends in Fiber cables
Plastic and glass filament fiber cables may be bent to avoid
obstacles on the way to the sensing site. Here are some
guidelines about the location of cable bends: The first bend must
be as least 20 mm (0.79 in) away from where the cables enter
the amplifier. The last bend must be at least 20 mm (0.79 in)
bending the sensing head. We recommend a 25 mm (1.0 in)
minimum radius for a right angle bend to maintain the rated
sensing distance. The sharpest allowable right angle bend is over
a 10 mm (0.39 in) radius, but this will result in a shorter sensing
distance. Refer to the bending radius graph.
Amplifier
Fiber unit
40 mm max.
20 mm max.
Correct
Incorrect
Do not apply excess force on the Fiber Units.
Do not pull or press the Fiber Units. The Fiber Units have a
withstand force of 1 kg or 3 kg (pay utmost attention because the
fibers are thin).
Do not bend the Fiber Units beyond the permissible bending
radius.
Do not bend the edge of the Fiber Units.
Bending radius [mm (inch)]
Bending
radius
(0.197) (0.394) (0.591) (0.787) (0.984) (1.181)
E3S1-- X3 amplifier with
E32-DC200 diffuse
reflective fiber cable
Proper Supports for Cables
To support the fiber cable between the sensing site and the
amplifier, mount the cable using a nylon strap or cable tie. Do not
use a U-shaped strap that will compress or put stress on the fiber
cable. To prevent damage from excessive vibration, take up the
fiber in a loop as shown below.
Fiber unit
Nylon wireholder
Correct
Incorrect
Metal holder
The Fiber Head could be broken by excessive vibration. To
prevent this, the following is effective:
A one-turn loop can
absorb vibrations.
Tape
J
LONGER FIBER-OPTIC CABLES
Applicable Models
E32-TC200/-DC200
E32-TC200B/-DC200B
E32-TC200E/-DC200E
E32-TC200F/-DC200F
E32-TC200A
Appearance
The length can be ordered in increments of 1 m between
6 m min. and 20 m max. (2-m and 5-m fiber length types are
standard for E32-TC200, E32-DC200.)
ℓ
E39-F10 Fiber Connector
Use the following procedure (refer to the figure) to connect fibers
via the Fiber Connector.
Splice
Retention Unit
Retention Unit
Each fiber should be as close as possible before they are
connected.
Sensing distance will be reduced by approximately 25% when
fibers are connected.
Only fibers with 2.2 mm dia. can be connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com