Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP401 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PIP401
Description  OR-ing Intelligent Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP401 Datasheet(HTML) 4 Page - NXP Semiconductors

  PIP401 Datasheet HTML 1Page - NXP Semiconductors PIP401 Datasheet HTML 2Page - NXP Semiconductors PIP401 Datasheet HTML 3Page - NXP Semiconductors PIP401 Datasheet HTML 4Page - NXP Semiconductors PIP401 Datasheet HTML 5Page - NXP Semiconductors PIP401 Datasheet HTML 6Page - NXP Semiconductors PIP401 Datasheet HTML 7Page - NXP Semiconductors PIP401 Datasheet HTML 8Page - NXP Semiconductors PIP401 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Philips Semiconductors
PIP401
OR-ing Intelligent Switch
Product data
Rev. 03 — 5 November 2002
4 of 16
9397 750 10578
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
7.3 Driver and series power switch
7.3.1
Soft turn-on
At switch on, the PIP401 turns on slowly to avoid current surges. These can cause
oscillations in the output voltage and may cause the protected power supply to shut
down. Typical turn-on time is 7
µs.
7.3.2
Low voltage drop
The on-state characteristic of the PIP401 is shown in Figure 5. In the on-state, the
PIP401 has very low voltage drop, typically 70 mV at 40 A, 25
°C. This produces a
power dissipation of 2.8 W. In comparison, a Schottky diode with a forward voltage
drop of 320 mV would have a power dissipation of 12.8 W.
7.3.3
Low current operation
At low current levels, the voltage drop is only a few millivolts. This makes it difficult for
the comparator to determine when to switch off. The PIP401 overcomes this problem
by backing off the gate drive to the series power switch at current levels below 2 A.
The effect is to increase the resistance between VI and VO so that the voltage drop is
maintained at a constant level of approximately 6 mV. This is above the minimum
detectable threshold voltage of the comparator. This is shown in Figure 5 by the
flattening of the curves at low current.
7.3.4
Fast turn-off with no reverse current
When the input voltage (VI) falls below the remote sense input voltage (VRS), the
PIP401 switches off very quickly, blocking the flow of reverse current. Figure 3 shows
switching waveforms from an initial forward current of 20 A. Note the smooth ramp
down of current from 20 A with no reverse current flow and minimum disruption of the
output voltage. Total turn-off time is less than 400 ns.
The gate drive circuit in the PIP401 is referenced to VI. When the input voltage is less
than the remote sense voltage, current flows into VCC and out of VI. The maximum
current is 35 mA. In order to prevent charging of the output capacitors of the
protected supply connected to VI, a 100 W resistor should be connected between VI
and GND. This is shown as R1 in Figure 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com