Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP401 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PIP401
Description  OR-ing Intelligent Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP401 Datasheet(HTML) 2 Page - NXP Semiconductors

  PIP401 Datasheet HTML 1Page - NXP Semiconductors PIP401 Datasheet HTML 2Page - NXP Semiconductors PIP401 Datasheet HTML 3Page - NXP Semiconductors PIP401 Datasheet HTML 4Page - NXP Semiconductors PIP401 Datasheet HTML 5Page - NXP Semiconductors PIP401 Datasheet HTML 6Page - NXP Semiconductors PIP401 Datasheet HTML 7Page - NXP Semiconductors PIP401 Datasheet HTML 8Page - NXP Semiconductors PIP401 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Philips Semiconductors
PIP401
OR-ing Intelligent Switch
Product data
Rev. 03 — 5 November 2002
2 of 16
9397 750 10578
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
5.
Block diagram
6.
Pinning information
7.
Functional description
Figure 1 shows the block diagram of the PIP401, which contains the following
functional blocks:
• High-speed comparator with remote sense input
• Power switch driver stage
• Series power switch with very low on-state resistance
• Overtemperature detection circuit with open collector output.
Figure 2 shows the basic application circuit for the PIP401. The protected supply is
connected to VI. The output (VO) is connected to the system bus. An auxiliary supply
biases VCC. The remote sense input (VRS) is joined to VO at the load point.
Fig 1.
Block diagram.
VCC
VCC
IN
driver
power switch
comparator
SOURCE
GATE
4, mb
1
3
2
6, 7
5
VI
VRS
VCC
VCC
PIP401
GND
thermal flag
VO
TFL
GND
03ah71
TOUT
Table 2:
Pinning
Symbol Pin
I/O
Description
Simplified outline
Device symbol
TFL
1
O
overtemperature flag
SOT427
VCC
2
-
positive supply voltage
GND
3
-
ground
VO
4, mb
O
output
VRS
5
I
remote sense
VI
6, 7
I
input
MBL537
1 2 3 4 5 6 7
mb
VCC
VRS
TFL
GND
VO
VI
003aaa198



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com