Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP401 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PIP401
Description  OR-ing Intelligent Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP401 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PIP401 Datasheet HTML 8Page - NXP Semiconductors PIP401 Datasheet HTML 9Page - NXP Semiconductors PIP401 Datasheet HTML 10Page - NXP Semiconductors PIP401 Datasheet HTML 11Page - NXP Semiconductors PIP401 Datasheet HTML 12Page - NXP Semiconductors PIP401 Datasheet HTML 13Page - NXP Semiconductors PIP401 Datasheet HTML 14Page - NXP Semiconductors PIP401 Datasheet HTML 15Page - NXP Semiconductors PIP401 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Philips Semiconductors
PIP401
OR-ing Intelligent Switch
Product data
Rev. 03 — 5 November 2002
14 of 16
9397 750 10578
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
13. Revision history
Table 6:
Revision history
Rev Date
CPCN
Description
03
20021105
-
Product data (9397 750 10578)
Modifications:
• Typ and Max values of forward voltage VF changed in Table 5 and Section 7.3.2
• Graphic changed in Figure 5
• Typical on-state voltage drop of the ORIS changed in Section 11.1
• Flag operating temperature added to Table 5.
• Rth(j-a) with airflow added to Table 4.
• Block diagram changed Figure 1.
• Limiting values Table 3. Power dissipation (Ptot) rating removed. Minimum voltage ratings
changed from -0.5 V to -0.3 V. Normalized power dissipation and normalized output
current figures removed.
• Characteristics: Off-state characteristic curve removed.
02
20020828
-
Product data (9397 750 10157)
Modifications:
• Specification status changed from “Objective data” to “Product data”
• Typ and Max values of forward voltage VF changed in Table 5 and Section 7.3.2
• Graphic changed in Figure 5
• Typical on-state voltage drop of the ORIS changed in Section 11.1
01
20020621
-
Objective data (9397 750 09971)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com