Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP401 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PIP401
Description  OR-ing Intelligent Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP401 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PIP401 Datasheet HTML 2Page - NXP Semiconductors PIP401 Datasheet HTML 3Page - NXP Semiconductors PIP401 Datasheet HTML 4Page - NXP Semiconductors PIP401 Datasheet HTML 5Page - NXP Semiconductors PIP401 Datasheet HTML 6Page - NXP Semiconductors PIP401 Datasheet HTML 7Page - NXP Semiconductors PIP401 Datasheet HTML 8Page - NXP Semiconductors PIP401 Datasheet HTML 9Page - NXP Semiconductors PIP401 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Philips Semiconductors
PIP401
OR-ing Intelligent Switch
Product data
Rev. 03 — 5 November 2002
6 of 16
9397 750 10578
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
8.
Limiting values
[1]
Assumes a thermal resistance from junction to mounting base of 0.65 K/W.
[2]
The PIP401 meets class 2 for Human Body Model and Machine Model (JEDEC).
Table 3:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).All voltages measured with respect to GND.
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
positive supply voltage
−0.3
+20
V
VI
input voltage
VO open circuit; VI
≤ V
CC
−0.3
+20
V
VO
output voltage
VI = 0 V; VO ≤ VCC
−0.3
+20
V
VVRS
remote sense voltage
VVRS ≤ VCC
−0.3
+20
V
VTFL
temperature flag voltage
VTFL ≤ VCC
−0.3
+20
V
ITFL
temperature flag current
-
20
mA
PTFL
temperature flag dissipation
-
100
mW
II, IO
continuous input or output current Tmb ≤ 136 °C
[1]
-75
A
IOM
peak output current
tp ≤ 10 µs
-
400
A
Tstg
storage temperature
−55
+150
°C
Tj
junction temperature
−40
+150
°C
Vesd
electrostatic discharge voltage
human body model; C = 100 pF;
R = 1500
Ω
[2] -
2000
V
machine model; C = 200 pF;
R=10
Ω; L = 0.75 µH
-
200
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com