Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP401 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PIP401
Description  OR-ing Intelligent Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP401 Datasheet(HTML) 3 Page - NXP Semiconductors

  PIP401 Datasheet HTML 1Page - NXP Semiconductors PIP401 Datasheet HTML 2Page - NXP Semiconductors PIP401 Datasheet HTML 3Page - NXP Semiconductors PIP401 Datasheet HTML 4Page - NXP Semiconductors PIP401 Datasheet HTML 5Page - NXP Semiconductors PIP401 Datasheet HTML 6Page - NXP Semiconductors PIP401 Datasheet HTML 7Page - NXP Semiconductors PIP401 Datasheet HTML 8Page - NXP Semiconductors PIP401 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Philips Semiconductors
PIP401
OR-ing Intelligent Switch
Product data
Rev. 03 — 5 November 2002
3 of 16
9397 750 10578
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
The open-collector overtemperature flag output (TFL) is fed back to the remote
shutdown input of the protected supply. In a parallel redundant system, there will be
at least one other protected supply feeding the system bus via another or-ing device.
7.1 Supply voltage
The PIP401 requires a supply voltage on VCC. The supply voltage must be at least
5 V greater than the voltage on VI in order to supply sufficient drive voltage for the
series power switch. The maximum rated supply voltage is 20 V.
7.2 Voltage drop monitoring
7.2.1
Comparator
The comparator monitors the voltage between the input (VI) and the remote sense
input (VRS). When the voltage on VI is greater than the voltage on VRS by more than
a few millivolts, the comparator output goes HIGH, turning on the series power switch.
When the voltage on VI is less than the voltage on VRS, the series power switch is
turned off, blocking the flow of reverse current between VO and VI.
7.2.2
Remote sense input
The remote sense input (VRS) provides a high impedance connection to the load,
bypassing the power supply line inductance. This connection enables the PIP401 to
respond immediately to voltage changes at the load, removing the effects of voltage
transients induced in the power supply line inductance due to changes in load
current.
(1) C1 allows operation for a short time after the auxiliary supply to VCC fails.
(2) D1 prevents reverse current flow from VO into the auxiliary supply in the event of failure
of the auxiliary supply.
(3) R1 prevents charging of the input voltage due to current flowing from VCC and out of VI.
(4) VRS should be connected to VO at the load point. Direct connection between VRS and
VO at the device pins should only be made if the distance between the PIP401 and the
load is very short, less than 25 mm.
Fig 2.
Functional circuit diagram.
VCC
VRS
GND
system bus
system bus ground
power supply shutdown
(open collector)
auxiliary supply
+20 V max
input voltage
from power supply
system
ground
03aj16
VO
VI
R1
(100
Ω typ)
C1
(100 nF)
D1
TFL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com