Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP401 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PIP401
Description  OR-ing Intelligent Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP401 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PIP401 Datasheet HTML 8Page - NXP Semiconductors PIP401 Datasheet HTML 9Page - NXP Semiconductors PIP401 Datasheet HTML 10Page - NXP Semiconductors PIP401 Datasheet HTML 11Page - NXP Semiconductors PIP401 Datasheet HTML 12Page - NXP Semiconductors PIP401 Datasheet HTML 13Page - NXP Semiconductors PIP401 Datasheet HTML 14Page - NXP Semiconductors PIP401 Datasheet HTML 15Page - NXP Semiconductors PIP401 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Philips Semiconductors
PIP401
OR-ing Intelligent Switch
Product data
Rev. 03 — 5 November 2002
12 of 16
9397 750 10578
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
The voltage drop across the PIP401 in the off state is approximately 0.7 V. Therefore,
the overtemperature flag will operate if the current through the PIP401 is greater than
10 A.
If the thermal resistance from junction to ambient is higher, then the temperature flag
will operate at a lower value of output current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com