Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP401 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PIP401
Description  OR-ing Intelligent Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP401 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PIP401 Datasheet HTML 4Page - NXP Semiconductors PIP401 Datasheet HTML 5Page - NXP Semiconductors PIP401 Datasheet HTML 6Page - NXP Semiconductors PIP401 Datasheet HTML 7Page - NXP Semiconductors PIP401 Datasheet HTML 8Page - NXP Semiconductors PIP401 Datasheet HTML 9Page - NXP Semiconductors PIP401 Datasheet HTML 10Page - NXP Semiconductors PIP401 Datasheet HTML 11Page - NXP Semiconductors PIP401 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Philips Semiconductors
PIP401
OR-ing Intelligent Switch
Product data
Rev. 03 — 5 November 2002
8 of 16
9397 750 10578
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
10. Characteristics
[1]
When the input supply fails, the voltage on VI can fall to zero. However, the voltage on VRS must be at least 1.3 V for the comparator to
operate and turn off the series power switch.
[2]
In the off-state, the majority of the supply current into VCC flows out of VI.
[3]
∆V
ON =VI -VO.
Table 5:
Characteristics
VCC =15V; VI = 5 V; VRS connected to VO; −40 °C ≤ Tj ≤ +150 °C unless otherwise specified. All voltages measured with
respect to GND.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
VI + 5
15
20
V
VI
input voltage
on-state; VI ≥ VVRS
[1]
1.3
5
VCC − 5V
VVRS
remote sense voltage
0
5
VCC
V
∆VON
on-state voltage
IO = 40 A; Tj =25 °C;
Figure 5
-70
80
mV
VF
off-state forward voltage
VCC =0V; IO =40A;
Tj =25 °C
-
0.85
1
V
ICC
supply current
on-state; VO open circuit;
VI ≥ VVRS
-
3
10
mA
off-state; VO open circuit;
VI <VVRS
[2]
-16
35
mA
II
input current
on-state; VO open circuit;
0
≤ VI ≤ VCC
-
0.1
10
mA
off-state; VO open circuit;
0
≤ V
I ≤ VCC
[2]
−35
-16
-
mA
IVRS
remote sense current
0
≤ VI ≤ VCC
−2
+0.1
+2
mA
TTFL
flag trip temperature
-
160
-
°C
ILR(VO)
reverse leakage current into
VO
VCC =0V; VO =15V;
VI =0V
-
10
500
nA
ton
turn-on time
VI =0Vto5V; IO =5A
3
7
-
µs
toff
turn-off time
VI =5Vto0V; IO = 5 A
100
200
300
ns
Ls
internal source inductance
-
2
-
nH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com