Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP401 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PIP401
Description  OR-ing Intelligent Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP401 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PIP401 Datasheet HTML 7Page - NXP Semiconductors PIP401 Datasheet HTML 8Page - NXP Semiconductors PIP401 Datasheet HTML 9Page - NXP Semiconductors PIP401 Datasheet HTML 10Page - NXP Semiconductors PIP401 Datasheet HTML 11Page - NXP Semiconductors PIP401 Datasheet HTML 12Page - NXP Semiconductors PIP401 Datasheet HTML 13Page - NXP Semiconductors PIP401 Datasheet HTML 14Page - NXP Semiconductors PIP401 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Philips Semiconductors
PIP401
OR-ing Intelligent Switch
Product data
Rev. 03 — 5 November 2002
11 of 16
9397 750 10578
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
11.3 Overtemperature detection
Figure 8 shows how the thermal flag output of the PIP401 is used to shut down a
power supply in the event of overtemperature. In this circuit, there are pull-up
resistors from TFL to both the 5 V and 12 V supplies.
11.3.1
On-state
The overtemperature flag can be used to detect excessive load current. The
overtemperature flag will operate when the power dissipation due to load current is
sufficient to raise the junction temperature to approximately 160
°C. The typical
on-state voltage of the PIP401 at 25
°C is 70 mV. To calculate the on-state voltage at
160
°C, the 25 °C value is multiplied by the normalized on-state voltage factor given
in Figure 6. This factor is 1.6 giving an on-state voltage at 160
°C of 112 mV. Using a
thermal resistance from junction to ambient of 15 K/W and an ambient temperature of
55
°C, the overtemperature flag will operate when the current exceeds:
(1)
One possible use of the overtemperature flag is to detect failure of the cooling fan, in
applications where forced air cooling is used.
If the thermal resistance from junction to ambient is higher, then the temperature flag
will operate at a lower value of output current.
11.3.2
Off-state
If the 12 V supply to VCC fails as a result of a fault in the auxiliary supply, this will
cause the PIP401 to turn off, and the voltage drop to increase from a few millivolts to
approximately 0.7 V. The increased dissipation in the PIP401 will cause its junction
temperature to rise. Taking a junction to ambient thermal resistance of 15 K/W and an
ambient temperature of 55
°C, the overtemperature flag will operate when the
dissipation in the PIP401 is greater than:
(2)
Fig 8.
Overtemperature detection.
VCC
VRS
GND
LOAD
03ah74
5 V
SUPPLY
shutdown
12 V
SUPPLY
VO
VI
2.2
k
Ω
1
k
Ω
TFL
I
O
T
TFL
T
amb
–
∆V
ON
R
th j
a
–
()
×
-----------------------------------------
160
55
–
0.112
15
×
-------------------------
62.5 A
==
=
P
tot
160
55
–
15
---------------------
7W
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com