Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP401 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PIP401
Description  OR-ing Intelligent Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP401 Datasheet(HTML) 5 Page - NXP Semiconductors

  PIP401 Datasheet HTML 1Page - NXP Semiconductors PIP401 Datasheet HTML 2Page - NXP Semiconductors PIP401 Datasheet HTML 3Page - NXP Semiconductors PIP401 Datasheet HTML 4Page - NXP Semiconductors PIP401 Datasheet HTML 5Page - NXP Semiconductors PIP401 Datasheet HTML 6Page - NXP Semiconductors PIP401 Datasheet HTML 7Page - NXP Semiconductors PIP401 Datasheet HTML 8Page - NXP Semiconductors PIP401 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Philips Semiconductors
PIP401
OR-ing Intelligent Switch
Product data
Rev. 03 — 5 November 2002
5 of 16
9397 750 10578
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
7.4 Overtemperature flag
In the event of failure of the supply to VCC, the series power switch turns off and the
forward voltage drop increases from a few millivolts to approximately 0.7 V. The
power dissipation in the PIP401 increases causing the junction temperature to rise. A
temperature detection circuit with an open-collector output is provided, that can be
used to generate a warning signal for the power supply. The temperature flag
operates at a typical junction temperature of 160
°C. A pull-up resistor of at least 1 kΩ
is required between TFL and VCC.
The temperature flag is intended to operate under fault conditions. The PIP401
should not be run continuously at junction temperatures above 150
°C.
Fig 3.
Turn-off waveforms.
Input voltage (VI)
Output current (IO)
(5A/ division)
Bus voltage (VO)
03aj18
Timebase
(100ns/ division)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com