Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP401 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PIP401
Description  OR-ing Intelligent Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP401 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PIP401 Datasheet HTML 5Page - NXP Semiconductors PIP401 Datasheet HTML 6Page - NXP Semiconductors PIP401 Datasheet HTML 7Page - NXP Semiconductors PIP401 Datasheet HTML 8Page - NXP Semiconductors PIP401 Datasheet HTML 9Page - NXP Semiconductors PIP401 Datasheet HTML 10Page - NXP Semiconductors PIP401 Datasheet HTML 11Page - NXP Semiconductors PIP401 Datasheet HTML 12Page - NXP Semiconductors PIP401 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Philips Semiconductors
PIP401
OR-ing Intelligent Switch
Product data
Rev. 03 — 5 November 2002
9 of 16
9397 750 10578
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
11. Application information
11.1 Parallel redundant operation
Figure 7 shows a typical parallel redundant power supply system. Two 5 V system
power supplies are connected via PIP401 devices to a shared load. An auxiliary
supply provides the PIP401 devices with 12 V. Power supplies with forced current
sharing capability are ideal for this application. The remote connection to each
PIP401 is taken from a point close to the load in order to compensate for the effects
VCC =15V; VI =5V
(1) Tj = 125 °C
(2) Tj =25 °C
(3) Tj = −40 °C
VCC = 15 V; VI =5V; IO ≥ 2A
Fig 5.
On-state characteristic; typical values.
Fig 6.
Normalized on-state voltage drop factor as a
function of junction temperature.
03aj17
0
50
100
150
0
10
203040
IO (A)
∆VON
(mV)
(1)
(2)
(3)
03af18
0
0.5
1
1.5
2
-60
0
60
120
180
Tj (°C)
a
a
∆V
ON
∆V
ON 25
°C
()
------------------------------
=
Fig 7.
PIP401 used in parallel redundant power supply network.
VCC
VRS
GND
LOAD
03ah73
5 V
SUPPLY
12 V
AUXILIARY
SUPPLY
5 V
SUPPLY
cable
inductance
VO
VI
TFL
VCC
VRS
GND
cable
inductance
VO
VI
TFL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com